Electronic Components Datasheet Search
  English  ▼

X  

XM1000 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XM1000
Description  32.0-46.0 GHz GaAs MMIC Balanced Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1000 Datasheet(HTML) 1 Page - Mimix Broadband

  XM1000 Datasheet HTML 1Page - Mimix Broadband XM1000 Datasheet HTML 2Page - Mimix Broadband XM1000 Datasheet HTML 3Page - Mimix Broadband XM1000 Datasheet HTML 4Page - Mimix Broadband XM1000 Datasheet HTML 5Page - Mimix Broadband XM1000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
Mimix Broadband
’s 32.0-46.0 GHz GaAs MMIC
fundamental balanced mixer has been optimized for use
as a down-converter. The device has a conversion loss of
7.0 dB with a +24.0 dBm input third order intercept point.
This MMIC uses Mimix Broadband
’s 0.15 µm GaAs PHEMT
device model technology, and is based upon electron
beam lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy or
eutectic solder die attach process. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
32.0-46.0 GHz GaAs MMIC
Balanced Mixer
+0.3 VDC
+20.0 dBm
-65 to +165 OC
-55 to +125 OC
Absolute Maximum Ratings
Fundamental Balanced Mixer
7.0 dB Conversion Loss
+24 dBm Input Third Order Intercept
100% On-Wafer RF Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Chip Device Layout
Page 1 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Units
GHz
GHZ
GHz
GHz
dB
dB
dB
dB
dBm
dB
dB
dB
dBm
VDC
Min.
32.0
33.0
29.0
DC
-
-
-
-
-
-
-
-
-
-2.0
Typ.
-
-
-
-
15.0
10.0
20.0
7.0
+15.0
TBD
TBD
TBD
+24.0
-0.6
Max.
46.0
44.0
47.0
3.0
-
-
-
-
-
-
-
-
-
+0.1
Parameter
Frequency Range (RF) Upper Sideband
Frequency Range (RF) Lower Sideband
Frequency Range (LO)
Frequency Range (IF)
RF Return Loss (S11)
IF Return Loss (S22)
LO Return Loss (S33)
Conversion Loss (S21)
LO Input Drive (PLO)
Isolation LO/RF
Isolation LO/IF
Isolation RF/IF
Input Third Order Intercept (IIP3)
Gate Bias Voltage (Vg1)
M1000
November 2005 - Rev 21-Nov-05


Similar Part No. - XM1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-000V MIMIX-XM1000-BD-000V Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1000-BD-EV1 MIMIX-XM1000-BD-EV1 Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
More results

Similar Description - XM1000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XM1002 MIMIX-XM1002 Datasheet
320Kb / 8P
34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD Datasheet
426Kb / 7P
32.0-42.0 GHz GaAs MMIC Image Reject Mixer
XM1005-BD MIMIX-XM1005-BD Datasheet
311Kb / 7P
37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer
XU1004 MIMIX-XU1004_06 Datasheet
194Kb / 7P
32.0-45.0 GHz GaAs MMIC
XM1000-BD MIMIX-XM1000-BD Datasheet
302Kb / 6P
32.0-46.0 GHz GaAs MMIC Balanced Mixer
XM1002-BD MIMIX-XM1002-BD Datasheet
324Kb / 8P
34.0-46.0 GHz GaAs MMIC Image Reject Mixer
XM1003-BD MIMIX-XM1003-BD_08 Datasheet
397Kb / 7P
32.0-42.0 GHz GaAs MMIC Image Reject Mixer
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
27.0-32.0 GHz GaAs MMIC
XR1004-BD MIMIX-XR1004-BD_09 Datasheet
316Kb / 7P
30.0-46.0 GHz GaAs MMIC
XU1004-BD MIMIX-XU1004-BD_08 Datasheet
264Kb / 7P
32.0-45.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com