Electronic Components Datasheet Search
  English  ▼

X  

XM1000 Datasheet(PDF) 4 Page - Mimix Broadband

Part # XM1000
Description  32.0-46.0 GHz GaAs MMIC Balanced Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1000 Datasheet(HTML) 4 Page - Mimix Broadband

  XM1000 Datasheet HTML 1Page - Mimix Broadband XM1000 Datasheet HTML 2Page - Mimix Broadband XM1000 Datasheet HTML 3Page - Mimix Broadband XM1000 Datasheet HTML 4Page - Mimix Broadband XM1000 Datasheet HTML 5Page - Mimix Broadband XM1000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mixer Measurements (cont.)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 4 of 6
32.0-46.0 GHz GaAs MMIC
Balanced Mixer
Input Referred IP3 vs Freq at USB
10
12
14
16
18
20
22
24
26
28
30
30
32
34
36
38
40
42
RF (GHz )
030200 5dBm
030200 10dBm
030200 15dBm
020200 5dBm
020200 10dBm
020200 15dBm
020300 5dBm
020300 10dBm
020300 15dBm
Input Referred IP3 vs Freq at LSB
10
12
14
16
18
20
22
24
26
28
30
30
32
34
36
38
40
4 2
RF (GHz)
030200 5d Bm
030200 10 dBm
030200 15 dBm
020200 5d Bm
020200 10 dBm
020200 15 dBm
020300 5d Bm
020300 10 dBm
020300 15 dBm
IP1dB vs LO Power at 32GHz
0
2
4
6
8
10
12
14
16
18
02
46
8
10
12
14
16
LO Pow e r (dBm)
020400 USB
030200
USB
030300 USB
020400 LSB
030200 LSB
030300 LSB
IP1dB vs LO Power at 36GHz
0
2
4
6
8
10
12
14
16
18
02
46
8
10
12
14
16
LO Pow e r (dBm)
020400 USB
030200
USB
030300 USB
020400 LSB
030200 LSB
030300 LSB
IP1dB vs LO Power at 40GHz
0
2
4
6
8
10
12
14
0246
8
10
12
LO Pow e r (dBm)
020400 USB
030200
USB
030300 USB
020400 LSB
030200 LSB
030300 LSB
M1000
November 2005 - Rev 21-Nov-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com