Electronic Components Datasheet Search
  English  ▼

X  

XM1000 Datasheet(PDF) 5 Page - Mimix Broadband

Part # XM1000
Description  32.0-46.0 GHz GaAs MMIC Balanced Mixer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XM1000 Datasheet(HTML) 5 Page - Mimix Broadband

  XM1000 Datasheet HTML 1Page - Mimix Broadband XM1000 Datasheet HTML 2Page - Mimix Broadband XM1000 Datasheet HTML 3Page - Mimix Broadband XM1000 Datasheet HTML 4Page - Mimix Broadband XM1000 Datasheet HTML 5Page - Mimix Broadband XM1000 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Mechanical Drawing
Bias Arrangement
(Note: Engineering designator is 40BRFM0058)
Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad.
Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold
All DC Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008)
Bond pad centers are approximately 0.109 (0.004) from the edge of the chip.
Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 1.048 mg.
Bond Pad #1 (LO)
Bond Pad #2 (Vg1)
Bond Pad #3 (Vg2)
Bond Pad #4 (Vd)
Bond Pad #5 (RF)
Bond Pad #6 (IF)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
32.0-46.0 GHz GaAs MMIC
Balanced Mixer
M1000
0.386
(0.015)
0.983
(0.039)
2
3
4
5
6
1
0.785
(0.031)
1.300
(0.051)
0.993
(0.039)
0.0
0.0
0.536
(0.021)
1.300
(0.051)
0.993
(0.039)
Vg1
LO
RF
IF
2
3
4
5
6
1
Vg2 [1]
Vd[1]
App Note [1] Biasing - As shown in the bonding
diagram, the pHEMT mixer devices are operated using a
separate gate voltage Vg1. Set Vg1=-0.6V for optimum
conversion loss performance. pHEMT test device (Vd,Vg2)
with 100 Ohm resistor is provided so that mixer gate bias
can be corrected for local Vto.
App Note [2] Bias Arrangement - Each DC pad (Vg1)
needs to have DC bypass capacitance (~100-200 pF) as
close to the device as possible. Additional DC bypass
capacitance (~0.01 uF) is also recommended.
November 2005 - Rev 21-Nov-05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com