Electronic Components Datasheet Search
  English  ▼

X  

XP1003 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1003
Description  27.0-35.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1003 Datasheet(HTML) 1 Page - Mimix Broadband

  XP1003 Datasheet HTML 1Page - Mimix Broadband XP1003 Datasheet HTML 2Page - Mimix Broadband XP1003 Datasheet HTML 3Page - Mimix Broadband XP1003 Datasheet HTML 4Page - Mimix Broadband XP1003 Datasheet HTML 5Page - Mimix Broadband XP1003 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2005 - Rev 05-May-05
Mimix Broadband
’
s two stage 27.0-35.0 GHz GaAs
MMIC power amplifier is optimized for linear operation
with a third order intercept point of +34.0 dBm. The
device also includes Lange couplers to achieve good
input/output return loss and an on-chip temperature
compensated output power detector. This MMIC uses
Mimix Broadband
’
s 0.15
µ
m GaAs PHEMT device model
technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy
or eutectic solder die attach process. This device is well
suited for Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
27.0-35.0 GHz GaAs MMIC
Power Amplifier
Absolute Maximum Ratings
Page 1 of 6
General Description
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
950 mA
+0.3 VDC
+15 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
(4) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
4
Features
Chip Device Layout
4
Balanced Design Provides Good Input/Output Match
On-Chip Temperature Compensated Output
Power Detector
15.0 dB Small Signal Gain
+34.0 dBm Third Order Intercept (OIP3)
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness (
∆S21)
Reverse Isolation (S12)
Output Power for 1 dB Compression (P1dB)
Output Third Order Intercept Point (OIP3)
Drain Bias Voltage (Vd1,2,3,4)
Gate Bias Voltage (Vg1,2,3,4)
Supply Current (Id) (Vd=4.5V, Vg=-0.7V Typical)
Detector (diff ) Output at 20 dBm
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Units
GHz
dB
dB
dB
dB
dB
dBm
dBm
VDC
VDC
mA
VDC
Min.
27.0
-
-
-
-
-
-
-
-
-1.0
-
-
Typ.
-
12.0
18.0
15.0
+/-1.0
35.0
+24.0
+34.0
+4.5
-0.7
440
0.3
Max.
35.0
-
-
-
-
-
-
-
+5.5
0.0
880
-
(1) Measured at +17 dBm per tone output carrier level across the full frequency band.
(2) Measured using constant current.
(3) Measured with either Vin=1.0V or Vin=5.5V and Rin=5.6k
Ω.
1,2
2
3
P1003


Similar Part No. - XP1003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
27.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
More results

Similar Description - XP1003

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1018 MIMIX-XP1018 Datasheet
306Kb / 6P
35.0-45.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0536 MIMIX-30SPA0536 Datasheet
295Kb / 5P
27.0-33.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1005-BD MIMIX-XP1005-BD Datasheet
281Kb / 7P
35.0-43.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
27.0-35.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com