Electronic Components Datasheet Search
  English  ▼

X  

XP1003 Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1003
Description  27.0-35.0 GHz GaAs MMIC Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1003 Datasheet(HTML) 2 Page - Mimix Broadband

  XP1003 Datasheet HTML 1Page - Mimix Broadband XP1003 Datasheet HTML 2Page - Mimix Broadband XP1003 Datasheet HTML 3Page - Mimix Broadband XP1003 Datasheet HTML 4Page - Mimix Broadband XP1003 Datasheet HTML 5Page - Mimix Broadband XP1003 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
27.0-35.0 GHz GaAs MMIC
Power Amplifier
Page 2 of 6
Power Amplifier Measurements
P1003
May 2005 - Rev 05-May-05
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
XP1003 S21 Vd 1,2,3,4=4.5V, Id 1,2,3,4=440mA
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
XP1003
S12 Vd 1,2,3,4=4.5V, I d 1,2,3,4=440mA
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
XP1003
S11 Vd 1,2,3,4=4.5V, I d 1,2,3,4=440mA
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
Frequency (GHz)
XP1003
S22 Vd 1,2,3,4=4.5V, I d 1,2,3,4=440mA
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
XP1003, Average IM3: Vd 1,2,3,4=4.5V, Id 1,2,3,4=440mA,
measured at +17dBm per tone
26
28
30
32
34
36
38
40
42
27
28
29
30
31
32
33
34
35
Frequency, GHz
R1C2
R2C2
R3C2
R4C2
R4C3
R5C2
R5C3
R6C2
R6C3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com