Electronic Components Datasheet Search
  English  ▼

X  

1005331 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 1005331
Description  Multiplexer - FB-MUX/HS/AI/PA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1005331 Datasheet(HTML) 7 Page - PHOENIX CONTACT

  1005331 Datasheet HTML 1Page - PHOENIX CONTACT 1005331 Datasheet HTML 2Page - PHOENIX CONTACT 1005331 Datasheet HTML 3Page - PHOENIX CONTACT 1005331 Datasheet HTML 4Page - PHOENIX CONTACT 1005331 Datasheet HTML 5Page - PHOENIX CONTACT 1005331 Datasheet HTML 6Page - PHOENIX CONTACT 1005331 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Accessories
I/O extension module
I/O extension module - RAD-PT100-4-IFS - 2904035
https://www.phoenixcontact.com/us/products/2904035
Radioline - I/O extension module, 4 Pt 100 inputs (-50°C ... +250°C / -58 °F ...
 482 °F)
I/O extension module
I/O extension module - RAD-AI4-IFS - 2901537
https://www.phoenixcontact.com/us/products/2901537
Radioline - I/O extension module, 4 analog current inputs (0/4 mA ... 20 mA)
Phoenix Contact 2022 © - all rights reserved
https://www.phoenixcontact.com
Phoenix Contact USA
586 Fulling Mill Road
Middletown, PA 17057, United States
(+717) 944-1300
info@phoenixcon.com
Multiplexer - FB-MUX/HS/AI/PA
1005331
https://www.phoenixcontact.com/us/products/1005331
Dec 2, 2022, 5:59 AM
Page 7 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com