Electronic Components Datasheet Search
  English  ▼

X  

1005331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1005331
Description  Multiplexer - FB-MUX/HS/AI/PA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1005331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1005331 Datasheet HTML 1Page - PHOENIX CONTACT 1005331 Datasheet HTML 2Page - PHOENIX CONTACT 1005331 Datasheet HTML 3Page - PHOENIX CONTACT 1005331 Datasheet HTML 4Page - PHOENIX CONTACT 1005331 Datasheet HTML 5Page - PHOENIX CONTACT 1005331 Datasheet HTML 6Page - PHOENIX CONTACT 1005331 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
The FB-MUX/HS/AI/PA head station can be used with up to five 4-channel analog input modules
(RAD-AI4-IFS), five 4-channel PT100 temperature sensing modules (PT100-4-IFS), or any
combination of modules for a maximum of 20 channels. This configuration can be used as an
analog input and temperature control solution.
Product Description
The fieldbus PA multiplexer headstation allows the integration of standard Radioline I/O modules to a Profibus PA network. The FB-MUX/HS/PA
has five profile software versions for different IO configurations.
Your advantages
IECEx CoC
•
Suitable for ATEX Zone 2
•
Connection of all I/O field signals with standard PROFIBUS PA cable
•
UL listed
•
No software needed thanks to a pre-configured head station
•
Five application-specific head stations allow simple implementation in the field
•
Easy integration into host system with an EDD-, GSD-, or DTM-data file
•
Scalable according to application needs
•
Commercial Data
Item number
1005331
Packing unit
1 pc
Note
Made to Order (non-returnable)
Sales Key
C28
Product Key
DNC135
Catalog Page
Page 461 (C-6-2019)
GTIN
4055626475776
Weight per Piece (including packing)
185.2 g
Weight per Piece (excluding packing)
181.8 g
Customs tariff number
85176200
Country of origin
US
Multiplexer - FB-MUX/HS/AI/PA
1005331
https://www.phoenixcontact.com/us/products/1005331
Dec 2, 2022, 5:59 AM
Page 1 (7)


Similar Part No. - 1005331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1005330 PHOENIX-1005330 Datasheet
314Kb / 8P
Multiplexer - FB-MUX/HS/AIOTEMP/PA
Dec 2, 2022
1005332 PHOENIX-1005332 Datasheet
317Kb / 8P
Multiplexer - FB-MUX/HS/DI24/PA
Dec 2, 2022
More results

Similar Description - 1005331

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TE3-MUX INFINEON-TE3-MUX Datasheet
2Mb / 211P
TE3-MUX M13 Multiplexer and DS3 Framer
June 2001 V2.1
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
PHOENIX CONTACT
2316381 PHOENIX-2316381 Datasheet
59Kb / 4P
Converter - FB-HSB-DP-SC/PA
2316370 PHOENIX-2316370 Datasheet
67Kb / 3P
Converter - FB-HSB-DP/PA
2316375 PHOENIX-2316375 Datasheet
45Kb / 2P
Repeater - FB-PA/SC
1005329 PHOENIX-1005329 Datasheet
293Kb / 7P
Multiplexer - FB-MUX/HS/DAIO/PA
Dec 2, 2022
1005330 PHOENIX-1005330 Datasheet
314Kb / 8P
Multiplexer - FB-MUX/HS/AIOTEMP/PA
Dec 2, 2022
1005332 PHOENIX-1005332 Datasheet
317Kb / 8P
Multiplexer - FB-MUX/HS/DI24/PA
Dec 2, 2022
2316270 PHOENIX-2316270 Datasheet
385Kb / 9P
Multiplexer - FB-MUX/HS/DIO-NAM/PA
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com