Electronic Components Datasheet Search
  English  ▼

X  

1005331 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1005331
Description  Multiplexer - FB-MUX/HS/AI/PA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1005331 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1005331 Datasheet HTML 1Page - PHOENIX CONTACT 1005331 Datasheet HTML 2Page - PHOENIX CONTACT 1005331 Datasheet HTML 3Page - PHOENIX CONTACT 1005331 Datasheet HTML 4Page - PHOENIX CONTACT 1005331 Datasheet HTML 5Page - PHOENIX CONTACT 1005331 Datasheet HTML 6Page - PHOENIX CONTACT 1005331 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Notes
Utilization restriction
CCCex note
Use in potentially explosive areas is not permitted in China.
Product properties
Product type
Interface converter
Insulation characteristics
Overvoltage category
II
Degree of pollution
2
Connection data
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Tightening torque
0.5 Nm ... 0.6 Nm
Interfaces
Data: PROFIBUS PA
Number of connections
1
Connection method
Terminal block
Dimensions
Width
17.5 mm
Height
114.5 mm
Depth
99 mm
Material specifications
Flammability rating according to UL 94
V0
Housing material
PA 6.6-FR
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
< 2000 m
Permissible humidity (operation)
20 % ... 95 % (non-condensing)
Multiplexer - FB-MUX/HS/AI/PA
1005331
https://www.phoenixcontact.com/us/products/1005331
Dec 2, 2022, 5:59 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com