Electronic Components Datasheet Search
  English  ▼

X  

702 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 702
Description  (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

702 Datasheet(HTML) 1 Page - Vishay Siliconix

  702 Datasheet HTML 1Page - Vishay Siliconix 702 Datasheet HTML 2Page - Vishay Siliconix 702 Datasheet HTML 3Page - Vishay Siliconix 702 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 702
www.vishay.com
Vishay Spectrol
Revision: 29-Nov-17
1
Document Number: 57069
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7/8" (22.2 mm) Single Turn Wirewound
(Precision Potentiometer)
FEATURES
• Large range of ohmic values: From 5
 up to
100 k
• Bushing mount or servo mount types are
available
• Extra taps upon request
• Gangable up to 6 sections
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, single turn wirewound
Output type
Output by turrets
Market appliance
Professional
Dimensions
7/8" (22.2 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total resistance: (bushing 91 k
 max.)
Tolerance:
20
 and above
Below 20
STANDARD
5
 to 20 k
± 3 %
± 5 %
SPECIAL
to 30 k
± 1 %
± 3 %
Absolute minimum resistance
Linearity x total resistance or 0.5
 whichever is greater
End voltage
Linearity x total applied voltage for total resistance above 20
, 2.0 % of total applied voltage
for 20
 and below
Linearity (independent)
5
 to 100 
100
 to 500 
500
 to 5 k
5 k
 and above
STANDARD
± 1.0 %
± 1.0 %
± 0.5 %
± 0.5 %
BEST PRACTICAL
± 0.75 %
± 0.50 %
± 0.35 %
± 0.25 %
Noise
100
 ENR
Electrical angle
350° ± 2°
Power rating
Section 1
Additional sections
1.25 W at 70 °C ambient derated to zero at 125 °C
75 % of the rating of section 1 (0.94 W at 70 °C)
Insulation resistance
1000 M
 minimum, 500 V
DC
Dielectric strength
1000 VRMS, 60 Hz
Taps (extra)
9 available as special, standard tolerance ± 2°
Phasing (CCW end points)
Additional sections phased to section 1 within ± 1°
ORDERING INFORMATION
702
S
1
2
032
03
X
X
X
X
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
REQUEST
702
B: bushing
S: servo
1
2
3
4
5
6
470 = 47
222 = 2.200
103 = 10 k
For ohmic value range
see electrical specification
470 = 47
222 = 2.200
103 = 10 k
For ohmic value range
see electrical specification
Custom reference
PART NUMBER DESCRIPTION (for information only)
702-
2
1
203
203
XXXX
MODEL
STYLE
GANGS
OHMIC VALUE
GANGS No 1
OHMIC VALUE
GANGS No 2
SPECIAL
B = 1
S = 2


Similar Part No. - 702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
702 ETC2-702 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Ashcroft, Inc.
702 ASHCROFT-702 Datasheet
1Mb / 4P
702/703 Flanged Diaphragm Seal
RevC_01-19-22
logo
Adafruit Industries
702 ADAFRUIT-702 Datasheet
193Kb / 2P
Adafruit Proto Plate for Beagle Bone & Beagle Bone Black
9/26/2014
logo
Keystone Electronics Co...
702 KEYSTONE-702 Datasheet
316Kb / 1P
INSTRUMENTATION CASES & KNOBS
31-07 20th
logo
List of Unclassifed Man...
702-00001-10 ETC2-702-00001-10 Datasheet
224Kb / 2P
TEST BOARD ACCELEROMETERS
More results

Similar Description - 702

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL502 VISHAY-MODEL502 Datasheet
261Kb / 4P
7/8 (22.2 mm) Ten-Turn Wirewound Upper Grade Precision Potentiometer
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
502 VISHAY-502 Datasheet
106Kb / 4P
(22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
29-Nov-17
536 VISHAY-536 Datasheet
86Kb / 4P
(22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
30-Jun-15
552 VISHAY-552 Datasheet
309Kb / 4P
(22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
27-Mar-15
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com