Electronic Components Datasheet Search
  English  ▼

X  

702 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 702
Description  (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

702 Datasheet(HTML) 2 Page - Vishay Siliconix

  702 Datasheet HTML 1Page - Vishay Siliconix 702 Datasheet HTML 2Page - Vishay Siliconix 702 Datasheet HTML 3Page - Vishay Siliconix 702 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 702
www.vishay.com
Vishay Spectrol
Revision: 29-Nov-17
2
Document Number: 57069
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing type
SERVO
Ball bearing
BUSHING
Sleeve bearing
Ganging
6 sections maximum Terminal alignment, added sections within ± 10° of section 1 terminals
Torque (maximum)
Servo section 1
Bushing section 1
Each additional section
STARTING
0.10 oz. - in (7.20 g - cm)
0.25 oz. - in (18.00 g - cm)
0.10 oz. - in (7.20 g - cm)
RUNNING
0.085 oz. - in (6.12 g - cm)
0.20 oz. - in (14.40 g - cm)
0.075 oz. - in (5.40 g - cm)
Mechanical runouts (maximums):
Shaft runout (TIR/In)
Pilot dia. runout (TIR)
Lateral runout (TIR)
Shaft end play
Shaft radial play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.004" (0.10 cm)
Moment of inertia
0.12 g - cm2 per section maximum
Weight:
Single section
Each additional section
0.6 oz. (17.01 g)
0.2 oz. (5.67 g)
± 0.010
0.687
(17.45)
0.500
(12.70)
± 0.031
0.250
(6.35)
0.062
(1.57)
Ø 0.4062 MTG.
(10.32)
+ 0.0000
- 0.0010
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.875
(22.22)
± 0.015
3/
8 - 32 UNEF - 2A
MTG. FACE
0.308 MIN. TYP
(7.82)
30°
TYP.
1
3
2
R 0.640
(16.26)
MAX.
Ø 0.875
(22.22)
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
Ø 0.750
MAX.
(19.05)
0.875
(22.22)
± 0.015
0.687
(17.45)
± 0.010
0.500
(12.70)
± 0.031
0.062
(1.57)
1
ADD 0.500 (12.70) ± 0.002 FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
SCHEMATIC
CW
2
3
1
SERVO MOUNT: 702S/702-2
BUSHING MOUNT: 702B/702-1
1
1
0.062
(1.57)
0.062
(1.57)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com