Electronic Components Datasheet Search
  English  ▼

X  

702 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 702
Description  (22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

702 Datasheet(HTML) 3 Page - Vishay Siliconix

  702 Datasheet HTML 1Page - Vishay Siliconix 702 Datasheet HTML 2Page - Vishay Siliconix 702 Datasheet HTML 3Page - Vishay Siliconix 702 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 702
www.vishay.com
Vishay Spectrol
Revision: 29-Nov-17
3
Document Number: 57069
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of
quality or durability
POWER RATING CHART
(Ratings for cup No. 1. Additional cups 75 % of values shown)
MATERIAL SPECIFICATIONS
Housing and lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Terminals
Brass, plated for solderability
Bushing mount hardware
Lockwasher internal tooth:
Panel nut:
Steel, nickel plated
Brass, nickel plated
MARKING
Unit
identification
Units shall be marked with Vishay Spectrol
name, model no and date code, and on each
section: resistance, resistance tolerance,
linearity and terminal identification.
Example of a marking for a standard part:
702-11502
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 CPS
Shock
50 g
Salt spray
96 h
Rotational life
1 million shaft revolutions
Load life
900 h
Operating temperature
range:
-55 °C +125 °C
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE IN °C
0
1
1.5
3
2
STANDARD (125 °C)
SPECIAL (150 °C)
RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
(
)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 70 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
5
0.460
0.023
500
2.50
800
10
0.378
0.038
354
3.54
800
20
0.374
0.075
250
5.00
180
50
0.300
0.150
158
7.90
180
100
0.271
0.271
112
11.2
20
200
0.235
0.478
79.1
15.8
20
500
0.206
1.03
50.0
25.0
20
1K
0.156
1.56
35.4
35.4
20
2K
0.127
2.55
25.0
50.0
20
5K
0.101
5.07
15.8
79.0
20
10K
0.095
8.50
11.2
112.0
20
20K
0.090
17.9
7.90
158.0
20
50K
0.075
37.9
5.00
250.0
20
100K
0.065
64.5
3.54
354.0
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com