Electronic Components Datasheet Search
  English  ▼

X  

MSMA Datasheet(PDF) 8 Page - Eaton All Rights Reserved.

Part # MSMA
Description  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA Datasheet(HTML) 8 Page - Eaton All Rights Reserved.

Back Button MSMA Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA Datasheet HTML 9Page - Eaton All Rights Reserved. MSMA Datasheet HTML 10Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Technical Data ELX1179
Effective June 2022
MSMA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Packaging information- mm
Supplied in tape and reel on a 7.0” diameter reel (EIA-481 compliant)
Tape carrier and dimensions
Reel dimensions- mm
Dimension
0603
0805
1206
2010
2512
1225
E
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
1.75 ± 0.1
F
3.5 ± 0.05
3.5 ± 0.05
3.5 ± 0.05
5.5 ± 0.05
5.5 ± 0.05
5.5 ± 0.05
P2
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
2.0 ± 0.1
D0
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
1.5 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
W
8.0 ± 0.2
8.0 ± 0.2
8.0 ± 0.2
12.0 ± 0.2
12.0 ± 0.2
12.0 ± 0.2
P1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
4.0 ± 0.1
A
1.1 ± 0.15
1.6 ± 0.15
2.0 ± 0.15
2.8 ± 0.15
3.6 ± 0.2
3.6 ± 0.2
B
1.9 ± 0.2
2.4 ± 0.2
3.6 ± 0.2
5.3 ± 0.2
6.9 ± 0.2
6.9 ± 0.2
T
0.6 ± 0.1
0.84 ± 0.1
0.84 ± 0.1
0.85 ± 0.1
0.85 ~ 1.2
± 0.15
1.2 ± 0.15
Family
A
B
C
D
N
W1
W2
W3
MSMA0603 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
9.0 ± 1.0
11.4 ± 1.0
na
MSMA0805 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
9.0 ± 1.0
11.4 ± 1.0
na
MSMA1206 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
9.0 ± 1.0
11.4 ± 1.0
na
MSMA2010 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
13.0 ± 1.0
15.4 ± 1.0
na
MSMA2512 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
13.0 ± 1.0
15.4 ± 1.0
na
MSMA1225 178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
13.0 ± 1.0
15.4 ± 1.0
na
Family
Tape
Quantity
MSMA0603
7 inch paper
5K
MSMA0805
7 inch paper
5K
MSMA1206
7 inch paper
5K
MSMA2010
7 inch embossed
4K
MSMA2512
7 inch embossed
4K
MSMA1225
7 inch embossed
4K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com