Electronic Components Datasheet Search
  English  ▼

X  

MSMA Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MSMA
Description  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MSMA Datasheet HTML 1Page - Eaton All Rights Reserved. MSMA Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data ELX1179
Effective June 2022
MSMA
SMD current sensing resistor- metal strip
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MSM @ xxxx Rxxxx * ? !
Family name
MSM
Grade option
A = Automotive grade
Footprint EIA option
0603, 0805, 1206, 2010, 2512
1225 = 2512 wide terminal
Resistance option
Rxxxx = xxx.x mΩ
R0000 = 0, Resistance is under 0.5 mΩ for jumper resistor ,
R0050 = 5.0 mΩ
Metal material option
M = MnCu, N = NiCu,
C= Cu
Power rating option
A = 1/4 W, S = 1/2 W,
C = 1 W, D = 1.5 W,
E = 2 W, G = 3 W
Resistance tolerance option
F = ±1%, J= ±5%
Product features
•
Low sensing resistance
•
0603 (1608 metric) to 2512 (6432 metric)
•
High power dissipation
•
AEC-Q200 compliant
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MSMA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MSMA PANASONIC-MSMA Datasheet
1Mb / 39P
Minas A Series Digital AC Servo Motors & Drivers
logo
Astrodyne Corporation
MSMA-0100 ASTRODYNE-MSMA-0100 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0101 ASTRODYNE-MSMA-0101 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0102 ASTRODYNE-MSMA-0102 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0103 ASTRODYNE-MSMA-0103 Datasheet
934Kb / 5P
10W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
logo
Eaton All Rights Reserv...
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
MFFA EATON-MFFA Datasheet
583Kb / 5P
4-terminal SMD current sensing resistor-metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com