Electronic Components Datasheet Search
  English  ▼

X  

MSMA Datasheet(PDF) 10 Page - Eaton All Rights Reserved.

Part # MSMA
Description  SMD current sensing resistor- metal strip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSMA Datasheet(HTML) 10 Page - Eaton All Rights Reserved.

Back Button MSMA Datasheet HTML 2Page - Eaton All Rights Reserved. MSMA Datasheet HTML 3Page - Eaton All Rights Reserved. MSMA Datasheet HTML 4Page - Eaton All Rights Reserved. MSMA Datasheet HTML 5Page - Eaton All Rights Reserved. MSMA Datasheet HTML 6Page - Eaton All Rights Reserved. MSMA Datasheet HTML 7Page - Eaton All Rights Reserved. MSMA Datasheet HTML 8Page - Eaton All Rights Reserved. MSMA Datasheet HTML 9Page - Eaton All Rights Reserved. MSMA Datasheet HTML 10Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com/electronics
© 2022 Eaton
All Rights Reserved
Printed in USA
Publication No. ELX1179 BU-ELX22039
June 2022
MSMA
SMD current sensing resistor- metal strip
Technical Data ELX1179
Effective June 2022
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Follow us on social media to get the
latest product and support information.
t
tP
ts
TC -5°C
Time 25°C to Peak
Time
25°C
Tsmin
Tsmax
TL
TP
Preheat
A
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
Profile feature
Lead (Pb) free solder
Preheat and soak • Temperature min. (Tsmin)
150 °C
• Temperature max. (Tsmax)
200 °C
• Time (Tsmin to Tsmax) (ts)
60-150 seconds
Ramp up rate TL to Tp
3 °C/ second max.
Liquidous temperature (Tl)
Time (tL) maintained above T
L
217 °C
60-120 seconds
Peak package body temperature (TP)*
260 °C
Time (tp)* within 5 °C of the specified classification temperature (Tc)
10 seconds*
Ramp-down rate (Tp to TL)
6 °C/ second max.
Time 25 °C to peak temperature
8 minutes max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
Manual solder
+350 °C ±10 °C , 3 +1/-0 seconds 1 time (by soldering iron), generally manual, hand soldering is not recommended
Solder reflow profile



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com