Electronic Components Datasheet Search
  English  ▼

X  

MSNA Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MSNA
Description  SMD current sensing resistor- metal strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSNA Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MSNA Datasheet HTML 1Page - Eaton All Rights Reserved. MSNA Datasheet HTML 2Page - Eaton All Rights Reserved. MSNA Datasheet HTML 3Page - Eaton All Rights Reserved. MSNA Datasheet HTML 4Page - Eaton All Rights Reserved. MSNA Datasheet HTML 5Page - Eaton All Rights Reserved. MSNA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data ELX1183
Effective June 2022
MSNA
SMD current sensing resistor- metal strip
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MSN @ xxxx Rxxxx * ? !
Family name
MSN
Grade option
A = Automotive grade
Footprint EIA option
0612 = 1206 wide terminal
0915 = 1509 wide terminal
Resistance option
Rxxxx = xxx.x mΩ
ex: R0100 = 10.0 mΩ
Metal material option
M = MnCu, N = NiCu
Power rating option
C = 1 W
Resistance tolerance option
F = ±1%
Product features
•
Low sensing resistance
•
0612 (1632 metric) to 0915 (2338 metric)
•
High power dissipation
•
AEC-Q200 compliant
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MSNA

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN0205 MORESEMI-MSN0205 Datasheet
541Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0207E MORESEMI-MSN0207E Datasheet
533Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0212W MORESEMI-MSN0212W Datasheet
591Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0214WE MORESEMI-MSN0214WE Datasheet
659Kb / 7P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN0260D MORESEMI-MSN0260D Datasheet
630Kb / 6P
20V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSNA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MST EATON-MST Datasheet
543Kb / 5P
SMD current sensing resistor- metal strip
June 2022
MFFA EATON-MFFA Datasheet
583Kb / 5P
4-terminal SMD current sensing resistor-metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com