Electronic Components Datasheet Search
  English  ▼

X  

MSNA Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MSNA
Description  SMD current sensing resistor- metal strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSNA Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MSNA Datasheet HTML 1Page - Eaton All Rights Reserved. MSNA Datasheet HTML 2Page - Eaton All Rights Reserved. MSNA Datasheet HTML 3Page - Eaton All Rights Reserved. MSNA Datasheet HTML 4Page - Eaton All Rights Reserved. MSNA Datasheet HTML 5Page - Eaton All Rights Reserved. MSNA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data ELX1183
Effective June 2022
MSNA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Electrical specifications
Part number
Size
Grade
option
Resistance value
mΩ (Part number
code)
Resistance
tolerance (Part
number code)
Power rating
(Part number
code)
Metal
material
(Part
number code
option)
TCR
(ppm/°C)
Operating
temperature
MSN@0612Rxxxx*?!
0612 (1632 metric)
A
1 (0010)
±1% (F)
1 W (C)
MnCu (M)
± 100
-55 °C to +170 °C
MSN@0612Rxxxx*?!
0612 (1632 metric)
A
2 (0020)
±1% (F)
1 W (C)
MnCu (M)
± 100
-55 °C to +170 °C
MSN@0612Rxxxx*?!
0612 (1632 metric)
A
3 (0030)
±1% (F)
1 W (C)
MnCu (M)
± 100
-55 °C to +170 °C
MSN@0612Rxxxx*?!
0612 (1632 metric)
A
5 (0050)
±1% (F)
1 W (C)
MnCu (M)
± 100
-55 °C to +170 °C
MSN@0612Rxxxx*?!
0612 (1632 metric)
A
10 (0100)
±1% (F)
1 W (C)
NiCu (N)
± 100
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
8 (0080)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
10 (0100)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
15 (0150)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
20 (0200)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
25 (0250)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
30 (0300)
±1% (F)
1 W (C)
NiCu (N)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
1 (0010)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
3 (0030)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
5 (0050)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
6 (0060)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
10 (0100)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
15 (0150)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
MSN@0915Rxxxx*?!
0915 (2338 metric)
A
20 (0200)
±1% (F)
1 W (C)
MnCu (M)
± 50
-55 °C to +170 °C
@= Enter grade option from table above (A=Automotive)
Rxxxx = Enter resistance code option from table above xxxx= resistance code (xxx.x mΩ ex: R0100 = 10.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%)
?= Enter power rating code option from table above (C = 1 W)
!=Enter metal material code option from table above (M = MnCu, N = NiCu)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com