Electronic Components Datasheet Search
  English  ▼

X  

MSNA Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MSNA
Description  SMD current sensing resistor- metal strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MSNA Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MSNA Datasheet HTML 1Page - Eaton All Rights Reserved. MSNA Datasheet HTML 2Page - Eaton All Rights Reserved. MSNA Datasheet HTML 3Page - Eaton All Rights Reserved. MSNA Datasheet HTML 4Page - Eaton All Rights Reserved. MSNA Datasheet HTML 5Page - Eaton All Rights Reserved. MSNA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data ELX1183
Effective June 2022
MSNA
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Recommended PCB layout- mm
Family
Size code
L
W
D
t
MSNA0612
0612
[1632]
0.067 ± 0.008
[1.70 ± 0.20]
0.126 ± 0.008
[3.20 ± 0.20]
0.016 ± 0.008
[0.40 ± 0.20]
0.024 ± 0.008
[0.60 ± 0.20]
MSNA0915
0915
[2338]
0.091 ± 0.008
[2.30 ± 0.20]
0.148 ± 0.012
[3.75 ± 0.30]
0.020 ± 0.008
[0.50 ± 0.20]
0.028 ± 0.008
[0.70 ± 0.20]
Construction
Family
Resistance
(mΩ)
A
L
B
MSNA0612
1 ≤ R ≤ 10
3.8
0.7
0.7
MSNA0915
1 ≤ R ≤ 30
4.2
1.2
0.8
1. The copper foil minimum thickness of PCB needs 3 oz minimum.
2. PCB layout dimension tolerance is +/-0.1 mm.
3. The resistance will change slightly after soldered; it is dependent on PCB pad size deign
and it’s necessary to consider the effect of the resistance increase or decrease.
Part marking
Family
Marking
MSNA0612
Resistance value is expressed by 4 digits.
:
R001 = 0.001 Ω or 1 mΩ
R030 = 0.030 Ω or 30 mΩ
MSNA0915



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com