Electronic Components Datasheet Search
  English  ▼

X  

AP3781 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP3781
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3781 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP3781 Datasheet HTML 4Page - Diodes Incorporated AP3781 Datasheet HTML 5Page - Diodes Incorporated AP3781 Datasheet HTML 6Page - Diodes Incorporated AP3781 Datasheet HTML 7Page - Diodes Incorporated AP3781 Datasheet HTML 8Page - Diodes Incorporated AP3781 Datasheet HTML 9Page - Diodes Incorporated AP3781 Datasheet HTML 10Page - Diodes Incorporated AP3781 Datasheet HTML 11Page - Diodes Incorporated AP3781 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP3781
Document number: DS42518 Rev. 2 - 2
8 of 15
www.diodes.com
May 2020
© Diodes Incorporated
AP3781
Operation Principle Description
1.
The Conventional PSR Operating Waveforms
Figure 1. The Operation Waveform of Flyback PSR System
Figure 1 shows the typical waveforms which demonstrate the basic operating principle of AP3781 application. And the parameters are defined as
following.
IP---The primary side current
IS ---The secondary side current
IPK---Peak value of primary side current
IPKS---Peak value of secondary side current
VSEC---The transient voltage at secondary winding
VO---The output voltage
VAUX---The transient voltage at auxiliary winding
VA--- The stable voltage at auxiliary winding when rectification diode is in conducting status, which equals the sum of VCC voltage and the forward
voltage drop of auxiliary diode
tSW ---The period of switching frequency
tONP ---The conduction time when primary side switch is “ON”
tONS ---The conduction time when secondary side diode is “ON”
tOFF ---The dead time when neither primary side switch nor secondary side diode is “ON”
tOFFS --- The time when secondary side diode is “OFF”
For primary-side regulation, the primary current ip(t) is sensed by a current sense resistor RCS connected to CS pin. The current rises up linearly at
a rate of:
M
L
t
dt
t
dip
)
(
V
)
(
IN
(1)
As illustrated in Figure 1, when the current ip(t) rises up to IPK, the primary MOSFET turns off. The constant peak current is given by:
CS
CS
PK
R
V
I
(2)
t
ONP
t
ONS
IPK
IPKS
VO
IP
IS
t
OFFS
t
OFF
VSEC
VA
VAUX
t
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com