Electronic Components Datasheet Search
  English  ▼

X  

AP3781 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3781
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3781 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3781 Datasheet HTML 1Page - Diodes Incorporated AP3781 Datasheet HTML 2Page - Diodes Incorporated AP3781 Datasheet HTML 3Page - Diodes Incorporated AP3781 Datasheet HTML 4Page - Diodes Incorporated AP3781 Datasheet HTML 5Page - Diodes Incorporated AP3781 Datasheet HTML 6Page - Diodes Incorporated AP3781 Datasheet HTML 7Page - Diodes Incorporated AP3781 Datasheet HTML 8Page - Diodes Incorporated AP3781 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP3781
Document number: DS42518 Rev. 2 - 2
3 of 15
www.diodes.com
May 2020
© Diodes Incorporated
AP3781
Functional Block Diagram
Regulator
&
Bias
PFM
tONS
UVLO
CV_CTRL
PFM
Valley
ON
R
Q
S
R
Q
S
FB
VCC
GND
Constant Voltage
Control
Constant Current
Control
tONS
Detector
0.1V
3
1
2
V
CS_REF
COMP
EA
Peak Current
Control & LEB
t
ONS
Pro
CC_CTRL
Shutdown
Line
Compensation
OUT
7
Low Pass
V
CPC
V
REF
Driver
V
LINE
VCC OVP
OTP Protection
FB OVP/SUVP
RFB Short/Open Protection
RCS Short/Open Protection
VCC
VCS
Square Root
Function
Cable
Compenstaion
VCPC
V
CPC
V
CS_REF
4
CS
SOURCE
0.81V/0.51V
COMP
OTP
5
tONS
CS Sample



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com