Electronic Components Datasheet Search
  English  ▼

X  

AP3781 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3781
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3781 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3781 Datasheet HTML 1Page - Diodes Incorporated AP3781 Datasheet HTML 2Page - Diodes Incorporated AP3781 Datasheet HTML 3Page - Diodes Incorporated AP3781 Datasheet HTML 4Page - Diodes Incorporated AP3781 Datasheet HTML 5Page - Diodes Incorporated AP3781 Datasheet HTML 6Page - Diodes Incorporated AP3781 Datasheet HTML 7Page - Diodes Incorporated AP3781 Datasheet HTML 8Page - Diodes Incorporated AP3781 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP3781
Document number: DS42518 Rev. 2 - 2
2 of 15
www.diodes.com
May 2020
© Diodes Incorporated
AP3781
Typical Applications Circuit
C2
FR1
D2
T1
D3
FB
R8
OUT
R10
R9
CS
C4
U1
GND VCC
R1
R2
Q1
12V/2A
C5
R11
C7
DB1
R3
R4
C3
D1
C6
CY1
AP3781
R12
C1
Np
Ns
Na
+
+
+
+
+
L1
R5
NTC
OTP
R6
R7
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
The ground of the controller
2
FB
The CV regulation is realized based on the voltage sampling of this pin
3
VCC
The VCC pin supplies the power for the IC
4
CS
The CS is the current sense pin of the IC. The IC will turn off the power MOSFET
according to the voltage on the CS pin
5
OTP
Adjustable over temperature protection by external NTC resistor
6
NC
No Connection
7
OUT
Output pin to drive external MOSFET
8
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com