Electronic Components Datasheet Search
  English  ▼

X  

AP3981CS-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3981CS-13
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981CS-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3981CS-13 Datasheet HTML 7Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 8Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 9Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 10Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 11Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 12Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 13Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 14Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP3981C
Document number: DS41619 Rev. 2 - 2
11 of 16
www.diodes.com
June 2019
© Diodes Incorporated
AP3981C
Operation Description (continued)
4.
Multiple Segment Peak Current
In the original PFM PSR system, the switching frequency decreases with the decreasing output current, which will encounter audible noise issue
when switching frequency decreases below 20kHz.
In order to avoid audible noise issue and a big drop in efficiency at light load, the AP3981C uses a 3-segment primary peak current control
method at CV mode, the current sense threshold voltage is piecewise defined. As shown in Figure 3, the low threshold VCS_L is set under 2% CC
load, the high threshold VCS_H is set above 40% CC load. Within the range from 2% to 40%, the threshold VCS_M increases basing on the load
condition, the VCS_M is carefully calculated inside the AP3981C to make the system operate at a reasonable switching frequency which rises
above 20kHz at a varying slope.
VcsH
VcsL
AM
FM
FM
65kHz
26kHz
IO/IO_MAX
100%
40%
2%
Figure 3. Segment Peak Current and Operating Frequency at CV Mode
5.
Sample Time
As shown in Equation 5 and Figure 2, the detected auxiliary voltage reflects the output voltage. To be compatible with different system designs
and avoid the turn-off ringing voltage influence on CV sampling, the tSAMPLE is designed to be proportional of tONS. On the other hand, to alleviate
the Vd effect on the accuracy of VOUT, the sample ratio of tSAMPLE to tONS varies according to load condition. The tSAMPLE is usually 50% of tONS
for the below 2% CC load conditions and 80% of tONS for the above 40% CC load conditions, within the range from 2% to 40% loading, the sample
ratio rises linearly from 50% to 80%.
6.
Capacitive Load Start-Up Capability
In order to achieve fast start-up for capacitive load startup applications, the AP3981C induces a two level CC point design during start up time.
The output voltage rises after power on, when the detected output voltage is lower than SUVP point, the tONS/tSW is set to be 0.75, which means
output constant current is 1.5 times of normal output constant current. When the output voltage rises above SUVP point, the tONS/tSW is switched
to the normal value of 0.5.
7.
Leading Edge Blanking
When the power switch is turned on, a turn-on spike voltage will occur on the VCS sense resistance. To avoid false-termination of the switching
pulse, a fixed 470ns leading-edge blanking time is built in. During this blanking period, the current sense comparator is disabled and the primary
MOSFET cannot be turned off.
8.
Valley Turn-On
When the off time (tOFF) is shorter than tVAL-ON, the AP3981C power system can work with valley turn-on. It can reduce the switching-on power
losses and achieve high overall efficiency. At the same time, because of valley turn-on the switching frequency has the random jitter feature,
which will be of benefit to conductive EMI performance. The valley turn-on can also reduce the power switch turn-on spike current and then
achieve the better radiative EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com