Electronic Components Datasheet Search
  English  ▼

X  

AP3981CS-13 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3981CS-13
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981CS-13 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3981CS-13 Datasheet HTML 8Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 9Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 10Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 11Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 12Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 13Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 14Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 15Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP3981C
Document number: DS41619 Rev. 2 - 2
12 of 16
www.diodes.com
June 2019
© Diodes Incorporated
AP3981C
Operation Description (continued)
9.
VCS Jitter
Even though the valley turn on function produces the random frequency jitter feature, an active frequency jitter function is added in the
AP3981C. The active frequency dithering is realized by applying variation on VCS reference (VCS_REF). The VCS_REF is changed every 2 cycles
and the period of variation is 12 cycles, which is shown as Figure 4. The variation between VCS4 and VCS1 is +/-2% using the mean level as a
reference.
Figure 4. VCS Jitter
10. Adjustable Line Compensation
In real system, there exists a delay time, from the VSOURCE reach the inner VCS threshold to the actual switch turn-off point. The delay time
contains the propagation time of the inner comparator and the driver delay, and it does not change with line voltage. The delay time leads to
different primary peak current under different line voltage, which results in different output current in CC mode.
RFB1
RFB2
FB
PFM
VAUX
VPP
VCS_REF
R1
R2
RS
RLC
VLC
Inside
AP3981C
Figure 5. Line Compensation Control Circuit
In order to alleviate the difference under the universal input voltage, the AP3981C integrates the line compensation control circuit shown as
Figure 5. During the primary on stage, an inner switcher RS switches on, the RLC is much smaller compared with RFB2, so the RFB2’s effect on
line compensation can be neglected, the proportional line voltage is detected through RFB1 and RLC and is added to the VCS threshold (VCS_REF).
The VLC can be derived from the Formula 7:
(7)
VCS1
VCS2
VCS3
VCS4
VCS3
VCS2
VCS1
VCS2
VCS3
VCS4
VCS3
VCS2
VCS1
Mean Level
LC
1
FB
1
FB
AUX
PP
1
FB
LC
R
R
2
R
*
3
R
1
V
V
*
2
R
*
3
R
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com