Electronic Components Datasheet Search
  English  ▼

X  

INA351CDS Datasheet(PDF) 1 Page - Texas Instruments

Part # INA351CDS
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351CDS Datasheet(HTML) 1 Page - Texas Instruments

  INA351CDS Datasheet HTML 1Page - Texas Instruments INA351CDS Datasheet HTML 2Page - Texas Instruments INA351CDS Datasheet HTML 3Page - Texas Instruments INA351CDS Datasheet HTML 4Page - Texas Instruments INA351CDS Datasheet HTML 5Page - Texas Instruments INA351CDS Datasheet HTML 6Page - Texas Instruments INA351CDS Datasheet HTML 7Page - Texas Instruments INA351CDS Datasheet HTML 8Page - Texas Instruments INA351CDS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain
Instrumentation Amplifier with Integrated Reference Buffer
1 Features
• Designed for size, cost, and power conscious
applications
• Selectable gain options with integrated reference
buffer
– G = 10 or G = 20 (INA351ABS)
– G = 30 or G = 50 (INA351CDS)
• Space saving ultra-small package options
– 10-pin X2QFN (RUG) – 3 mm2
– 8-pin WSON (DSG) – 4 mm2
– 8-pin SOT23-THN (DDF) – 4.64 mm2
• Optimized performance for 10-bit to 14-bit systems
– CMRR: 95 dB (typ) across all gains
– Offset voltage: 0.2 mV (typ) across all gains
– Gain error (typ):
• 0.0015% for G = 10, G = 50
• 0.0020% for G = 20, G = 30
• Bandwidth: 100 kHz for G = 10 (typ)
• Drives 500 pF with less than 20% overshoot (typ)
• Optimized quiescent current: 110 µA (typ)
• Shutdown option for power conscious applications
• Supply range: 1.8 V (±0.9 V) to 5.5 V (±2.75 V)
• Specified temperature range: –40°C to 125°C
2 Applications
• Bridge network sensing
• Differential to single-ended conversion
• Weigh scale
• Analog input module
• Flow transmitter
• Wearable fitness and activity monitor
• Blood glucose monitor
• Pressure and temperature sensing
+
–
+
–
+
–
60 k
60 k
60 k
60 k
REF
V+
OUT
V
IN
+IN
2
3
4
5
6
7
90 k
/ 145 k
90 k
/ 145 k
RG
GS
1
SHDN
8
_____
Note: 90 kΩ for INA351ABS and 145 kΩ for INA351CDS
Simplified Internal Schematic
3 Description
INA351 is a selectable-gain instrumentation amplifier
with integrated reference buffer that offers four gain
options across INA351ABS and INA351CDS variants
available in small packages. INA351ABS has gain
options of 10 or 20 and INA351CDS has gain options
of 30 or 50. These gain options can be selected
by toggling the gain select (GS) pin. INA351 is
an excellent choice for bridge-type sensing and for
differential to single-ended conversion applications.
Built with precision matched integrated resistors,
INA351 saves on BOM costs, pick-and-place machine
handling costs, and board space by removing the
need for precise or closely-matched external resistors.
The INA351 can interface directly to low-speed, 10-bit
to 14-bit, analog-to-digital converters (ADC) and is an
excellent choice for replacing discrete implementation
of instrumentation amplifiers built with commodity
amplifiers and discrete resistors.
Designed with the three-amplifier architecture, INA351
is optimized for delivering performance. The device
achieves 86 dB of minimum CMRR and an accurate
0.1% of maximum gain error, along with 1.3 mV
of maximum offset across all gain options, while
consuming just 135 µA of maximum quiescent
current. INA351 has an integrated shutdown option
to turn off the amplifier when idle for additional power
savings in battery powered applications.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA351ABS
WSON (8)
2.00 mm × 2.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
X2QFN (10)(2)
1.50 mm × 2.00 mm
INA351CDS (3)
WSON (8)
2.00 mm × 2.00 mm
SOT-23 (8)
1.60 mm × 2.90 mm
X2QFN (10)(2)
1.50 mm × 2.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
This package is preview only.
(3)
This part number is preview only
INA351
SBOSAD5 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA351CDS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA351CDS TI1-INA351CDS Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351CDS TI-INA351CDS Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
INA351CDS TI-INA351CDS Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
INA351CDS TI2-INA351CDS Datasheet
3Mb / 48P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED NOVEMBER 2024
INA351CDSIDDFR TI-INA351CDSIDDFR Datasheet
3Mb / 46P
INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
NOVEMBER 2024
More results

Similar Description - INA351CDS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD620 AD-AD620_15 Datasheet
643Kb / 21P
Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
Low Cost Low Power Instrumentation Amplifier
logo
Texas Instruments
INA350 TI-INA350 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V01 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
DECEMBER 2021
INA350 TI-INA350_V02 Datasheet
3Mb / 45P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
APRIL 2022
INA351 TI1-INA351_V01 Datasheet
3Mb / 41P
INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED FEBRUARY 2023
INA351A TI-INA351A Datasheet
1Mb / 30P
INA351A - Low Power, 1.8-V to 5.5-V Small-Size Instrumentation Amplifier with Configurable Reference Amplifier
JUNE 2023
INA350 TI1-INA350_V03 Datasheet
3Mb / 44P
INA350 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier
REVISED MAY 2023
INA351 TI-INA351_V02 Datasheet
3Mb / 41P
INA351 Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com