Electronic Components Datasheet Search
  English  ▼

X  

INA351CDS Datasheet(PDF) 21 Page - Texas Instruments

Part # INA351CDS
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351CDS Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA351CDS Datasheet HTML 17Page - Texas Instruments INA351CDS Datasheet HTML 18Page - Texas Instruments INA351CDS Datasheet HTML 19Page - Texas Instruments INA351CDS Datasheet HTML 20Page - Texas Instruments INA351CDS Datasheet HTML 21Page - Texas Instruments INA351CDS Datasheet HTML 22Page - Texas Instruments INA351CDS Datasheet HTML 23Page - Texas Instruments INA351CDS Datasheet HTML 24Page - Texas Instruments INA351CDS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
with a lower minimum CMRR of 62 dB, because the input signal crosses over the transition region of the input
pairs to achieve rail-to-rail operation. The common-mode range for other operating conditions is best calculated
with the INA VCM vs VOUT tool located under the Amplifiers and Comparators section of the Analog Engineer's
Calculator on ti.com. INA351-HCM model can be specifically used for applications requiring high CMRR and
corresponds to performance shown in Figure 8-1. INA351xxS model can be used for applications where the
input common mode can be expected to vary rail-to-rail and the model corresponds to performance shown in
Figure 8-2 where CMRR drops to 62-dB minimum.
Output Voltage (V)
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
D01_
VS = 5.5 V
G = 10, 20, 30, 50
VREF = VS / 2
Figure 8-1. Input Common-Mode Voltage vs Output
Voltage (High CMRR Region)
Output Voltage (V)
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
-0.6
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
6
D05_
VS = 5.5 V
G = 10, 20, 30, 50
VREF = VS / 2
Figure 8-2. Input Common-Mode Voltage vs Output
Voltage
8.3.3 EMI Rejection
The INA351 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the INA351 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz. Figure
8-3 shows the results of this testing on the INA351. Table 8-2 shows the EMIRR IN+ values for the INA351 at
particular frequencies commonly encountered in real-world applications. The EMI Rejection Ratio of Operational
Amplifiers application report contains detailed information on the topic of EMIRR performance relating to op
amps and is available for download from www.ti.com.
Frequency (Hz)
50
60
70
80
90
100
110
1M
10M
100M
1G
A14_
G = 10
G = 20
G = 30
G = 50
Figure 8-3. EMIRR Testing
www.ti.com
INA351
SBOSAD5 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com