Electronic Components Datasheet Search
  English  ▼

X  

INA351CDS Datasheet(PDF) 18 Page - Texas Instruments

Part # INA351CDS
Description  INA351 - Cost and Size Optimized, Low Power, 1.8-V to 5.5-V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351CDS Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA351CDS Datasheet HTML 14Page - Texas Instruments INA351CDS Datasheet HTML 15Page - Texas Instruments INA351CDS Datasheet HTML 16Page - Texas Instruments INA351CDS Datasheet HTML 17Page - Texas Instruments INA351CDS Datasheet HTML 18Page - Texas Instruments INA351CDS Datasheet HTML 19Page - Texas Instruments INA351CDS Datasheet HTML 20Page - Texas Instruments INA351CDS Datasheet HTML 21Page - Texas Instruments INA351CDS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 5.5 V, VIN = (VIN+) – (VIN–) = 0 V, RL = 10 kΩ, CL = 10 pF, VREF = VS / 2, VCM = [(VIN+) +
(VIN–)] / 2 = VS / 2, VOUT = VS / 2 and G = 10 (unless otherwise noted)
Output Voltage (V)
-0.4
0.4
1.2
2
2.8
3.6
4.4
5.2
6
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
D05_
VS = 5.5 V
VS = 5.5 V
G = 10, 20, 30, 50
VREF = VS / 2
Figure 7-61. Input Common-Mode Voltage vs Output Voltage
Output Voltage (V)
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
D13_
VS = 3.3 V
VS = 3.3 V
G = 10, 20, 30, 50
VREF = 0 V
Figure 7-62. Input Common-Mode Voltage vs Output Voltage
Output Voltage (V)
-0.4
0.4
1.2
2
2.8
3.6
4.4
5.2
6
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
6
D13_
VS = 5.5 V
VS = 5.5 V
G = 10, 20, 30, 50
VREF = 0 V
Figure 7-63. Input Common-Mode Voltage vs Output Voltage
INA351
SBOSAD5 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com