Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 5 Page - Texas Instruments

  LSF0108 Datasheet HTML 1Page - Texas Instruments LSF0108 Datasheet HTML 2Page - Texas Instruments LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)(1)
MIN
MAX
UNIT
VI
Input voltage(2)
–0.5
7
V
VI/O
Input/output voltage(2)
–0.5
7
V
Continuous channel current
128
mA
IIK
Input clamp current
VI < 0
–50
mA
TJ
Max Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The input and input/output negative-voltage ratings may be exceeded if the input and input/output clamp-current ratings are observed.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI/O
Input/output voltage
0
5
V
Vref_A/B/EN
Reference voltage
0
5
V
IPASS
Pass transistor current
64
mA
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
LSF0108-Q1
UNIT
PW (TSSOP)
WRKS (VQFN)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
110.7
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45.4
TBD
°C/W
RθJB
Junction-to-board thermal resistance
62.6
TBD
°C/W
ψJT
Junction-to-top characterization parameter
6.6
TBD
°C/W
ψJB
Junction-to-board characterization parameter
61.9
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com