Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments LSF0108 Datasheet HTML 15Page - Texas Instruments LSF0108 Datasheet HTML 16Page - Texas Instruments LSF0108 Datasheet HTML 17Page - Texas Instruments LSF0108 Datasheet HTML 18Page - Texas Instruments LSF0108 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Bidirectional Translation
For the bidirectional clamping configuration (higher voltage to lower voltage or lower voltage to higher voltage),
the EN input must be connected to Vref_B and both pins pulled to HIGH side Vpu through a pull-up resistor
(typically 200 kΩ). This allows Vref_B to regulate the EN input. A filter capacitor on Vref_B is recommended.
The controller output driver can be push-pull or open-drain (pull-up resistors may be required) and the peripheral
device output can be push-pull or open-drain (pull-up resistors are required to pull the Bn outputs to Vpu).
Note
If either output is push-pull, then data must be unidirectional or the outputs must be tri-state and
be controlled by some direction-control mechanism to prevent HIGH-to-LOW contentions in either
direction. If both outputs are open-drain, then no direction control is needed.
Figure 9-1 shows how the reference supply voltage (Vref_A) is connected to the processor core power supply
voltage. When Vref_B is connected through a 200 kΩ resistor to a 3.3 V Vpu power supply, and Vref_A is set
1 V. The output of A3 and B4 has a maximum output voltage equal to Vref_A, and the bidirectional interface
(Ch1/2, MDIO) has a maximum output voltage equal to Vpu.
9.2.1.2.2 Pull-Up Resistor Sizing
The pull-up resistor value needs to limit the current through the pass transistor when it is in the ON state to
about 15 mA. This ensures a voltage drop of 260 mV to 350 mV to have a valid LOW signal on the downstream
channel. If the current through the pass transistor is higher than 15 mA, the voltage drop is also higher in the
ON state. To set the current through each pass transistor at 15 mA, calculate the pull-up resistor value using the
following equation:
Rpu = Vpu − 0.35 V
0.015 A  
(3)
Table 9-3 summarizes resistor values, reference voltages, and currents at 8 mA, 5 mA, and 3 mA. The resistor
value shown in the +10% column (or a larger value) should be used to ensure that the voltage drop across the
transistor is 350 mV or less. The external driver must be able to sink the total current from the resistors on both
sides of the LSF family device at 0.175 V, although the 15 mA applies only to current flowing through the LSF
family device. The device driving the low state at 0.175 V must sink current from one or more of the pull-up
resistors and maintain VOL. A decrease in resistance will increase current, and thus result in increased VOL.
Table 9-3. Pull-Up Resistor Values
VDPU (1) (2)
8 mA
5 mA
3 mA
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
NOMINAL (Ω)
+10%(3) (Ω)
5 V
581
639
930
1023
1550
1705
3.3 V
369
406
590
649
983
1082
2.5 V
269
296
430
473
717
788
1.8 V
181
199
290
319
483
532
1.5 V
144
158
230
253
383
422
1.2 V
106
117
170
187
283
312
(1)
Calculated for VOL = 0.35 V
(2)
Assumes output driver VOL = 0.175 V at stated current
(3)
+10% to compensate for VDD range and resistor tolerance
www.ti.com
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com