Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments LSF0108 Datasheet HTML 10Page - Texas Instruments LSF0108 Datasheet HTML 11Page - Texas Instruments LSF0108 Datasheet HTML 12Page - Texas Instruments LSF0108 Datasheet HTML 13Page - Texas Instruments LSF0108 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
8.3 Feature Description
8.3.1 Auto Bidirectional Voltage Translation
All devices in the LSF family are auto bidirectional voltage level translators that are operational from 0.95 V
to 4.5 V on the Vref_A supply and from 1.8 V to 5.5 V on the Vref_B supply. This allows bidirectional voltage
translation between 0.95 V and 5.5 V without the need for a direction pin in open-drain or push-pull applications.
The LSF family supports level translation applications with transmission speeds greater than 100 Mbps for
open-drain systems using a 30-pF capacitance and 250-Ω pullup resistor. Both the output driver of the controller
and the peripheral device output can be push-pull or open-drain (pull-up resistors may be required). During
operation of the device, the B-side is often referred to as the high side while the A-side is referred to as the low
side.
8.3.2 Output Enable
To enable the I/O pins, the EN input should be tied directly to Vref_B during operation and both pins must be
pulled up to the HIGH side (Vpu or VCCB) through a pull-up resistor (typically 200 kΩ). To ensure the high
impedance state during power-up, power-down, or during operation, the EN pin must be LOW. The EN pin
should always be tied directly to the Vref_B pin and is recommended to be disabled by an open-drain driver
without a pullup resistor. This allows Vref_B to regulate the EN input and bias the channels for proper translation.
A filter capacitor on Vref_B is recommended for a stable supply at the device.
1.8 V
Vref_A
VCCB
EN
200 k
Vref_B
3.3 V
A1
B1
0.1 F
Figure 8-1. EN Pin Tied to Vref_B Directly and to VCCB Through a Pull-Up Resistor
The supply voltage of open drain I/O devices can be completely different from the supplies used for the LSF and
has no impact on the operation. For additional details on how to use the enable pin, see the Using the Enable
Pin with the LSF Family video.
Table 8-1. EN Pin Function Table
INPUT EN(1) PIN
Data Port State
Tied directly to Vref_B
An = Bn
L
Hi-Z
(1)
EN is controlled by Vref_B logic levels.
LSF0108-Q1
SDLS967E – MAY 2016 – REVISED NOVEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com