Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7436F Datasheet HTML 1Page - Texas Instruments TMUX7436F Datasheet HTML 2Page - Texas Instruments TMUX7436F Datasheet HTML 3Page - Texas Instruments TMUX7436F Datasheet HTML 4Page - Texas Instruments TMUX7436F Datasheet HTML 5Page - Texas Instruments TMUX7436F Datasheet HTML 6Page - Texas Instruments TMUX7436F Datasheet HTML 7Page - Texas Instruments TMUX7436F Datasheet HTML 8Page - Texas Instruments TMUX7436F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD to VSS
Supply voltage
48
V
VDD to GND
–0.3
48
V
VSS to GND
–48
0.3
V
VS to GND
Source input pin (Sx) voltage to GND
–65
65
V
VS to VDD
Source input pin (Sx) voltage to VDD
–90
V
VS to VSS
Source input pin (Sx) voltage to VSS
90
V
VD
Drain pin (Dx) voltage
VSS–0.7
VDD+0.7
V
VLOGIC
Logic control input pin voltage (EN, SELx, DR)(2)
GND –0.7
48
V
VxF
Logic output pin voltage (FF, SF)(2)
GND –0.7
6
V
ILOGIC
Logic control input pin current (EN, SELx, DR)(2)
–30
30
mA
IxF
Logic output pin current (FF, SF)(2)
–10
10
mA
IS or ID (CONT)
Source or drain continuous current (Sx or Dx)
IDC ± 10 %(3)
IDC ± 10 %(3)
mA
Tstg
Storage temperature
–65
150
°C
TA
Ambient temperature
–55
150
°C
TJ
Junction temperature
150
°C
Ptot (4)
Total power dissipation (TSSOP)
650
mW
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Stresses have to be kept at or below both voltage and current ratings at all time.
(3)
Refer to Recommended Operating Conditions for IDC ratings.
(4)
For TSSOP package: Ptot derates linearly above TA = 70°C by 10.1 mW/°C.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all
pins(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com