Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 3Page - Texas Instruments TMUX7436F Datasheet HTML 4Page - Texas Instruments TMUX7436F Datasheet HTML 5Page - Texas Instruments TMUX7436F Datasheet HTML 6Page - Texas Instruments TMUX7436F Datasheet HTML 7Page - Texas Instruments TMUX7436F Datasheet HTML 8Page - Texas Instruments TMUX7436F Datasheet HTML 9Page - Texas Instruments TMUX7436F Datasheet HTML 10Page - Texas Instruments TMUX7436F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
6.6 ±15 V Dual Supply: Electrical Characteristics
VDD = +15 V ± 10%, VSS = –15 V ±10%, GND = 0 V (unless otherwise noted)
Typical at VDD = +15 V, VSS = –15 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = –10 V to +10 V
ID = –10 mA
25°C
8.6
11
Ω
–40°C to +85°C
14
–40°C to +125°C
16.5
ΔRON
On-resistance mismatch between
channels
VS = –10 V to +10 V
ID = –10 mA
25°C
0.06
0.45
Ω
–40°C to +85°C
0.5
–40°C to +125°C
0.6
RFLAT
On-resistance flatness
VS = –10 V to +10 V
ID = –10 mA
25°C
0.01
0.4
Ω
–40°C to +85°C
0.4
–40°C to +125°C
0.4
RON_DRIFT
On-resistance drift
VS = 0 V, IS = –10 mA
–40°C to +125°C
0.04
Ω/°C
IS(OFF)
Input leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
–0.7
0.03
0.7
nA
–40°C to +85°C
–2
2
–40°C to +125°C
–11
11
ID(OFF)
Output off leakage current(1)
VDD = 16.5 V, VSS = –16.5 V
Switch state is off
VS = +10 V / –10 V
VD = –10 V / + 10 V
25°C
–1.4
0.06
1.4
nA
–40°C to +85°C
–4
4
–40°C to +125°C
–24
24
IS(ON)
ID(ON)
Output on leakage current(2)
VDD = 16.5 V, VSS = –16.5 V
Switch state is on
VS = VD = ±10 V
25°C
–1.4
0.08
1.4
nA
–40°C to +85°C
–4
4
–40°C to +125°C
–27
27
FAULT CONDITION
IS(FA)
Input leakage current
durring overvoltage
VS = ± 60 V, GND = 0 V,
VDD = 16.5 V, VSS = –16.5 V
–40°C to +125°C
±100
µA
IS(FA) Grounded
Input leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0 V
VDD = VSS = 0 V
–40°C to +125°C
±125
µA
IS(FA) Floating
Input leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = floating
–40°C to +125°C
±125
µA
ID(FA)
Output leakage current
during overvoltage
VS = ± 60 V, GND = 0 V,
VDD = 16.5 V, VSS = –16.5 V
25°C
–20
±0.1
20
nA
–40°C to +85°C
–30
30
–40°C to +125°C
–60
60
ID(FA) Grounded
Output leakage current
during overvoltage with
grounded supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = 0 V
25°C
–30
±0.01
30
nA
–40°C to +85°C
–50
50
–40°C to +125°C
–90
90
ID(FA) Floating
Output leakage current
during overvoltage with
floating supply voltages
VS = ± 60 V, GND = 0 V,
VDD = VSS = floating
25°C
±4
µA
–40°C to +85°C
±6
–40°C to +125°C
±8
IIH
High-level input current
VEN = VSELx = VDR = VDD
25°C
±1.6
µA
–40°C to +125°C
±2
IIL
Low-level input current
VEN = VSELx = VDR = 0
25°C
±1
µA
–40°C to +125°C
±1.1
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com