Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436F Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 15Page - Texas Instruments TMUX7436F Datasheet HTML 16Page - Texas Instruments TMUX7436F Datasheet HTML 17Page - Texas Instruments TMUX7436F Datasheet HTML 18Page - Texas Instruments TMUX7436F Datasheet HTML 19Page - Texas Instruments TMUX7436F Datasheet HTML 20Page - Texas Instruments TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
6.10 Typical Characteristics
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
-22 -18 -14 -10
-6
-2
2
6
10
14
18
22
0
20
40
60
80
100
120
140
160
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Dual Supply Voltages
Figure 6-1. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-22 -18 -14 -10
-6
-2
2
6
10
14
18
22
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Dual Supply Flat Ron Region
Figure 6-2. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9
9.1
9.2
9.3
VDD = 13.5 V, VSS = -13.5 V
VDD = 15 V, VSS = -15 V
VDD = 16.5 V, VSS = -16.5 V
VDD = 18 V, VSS = -18 V
VDD = 20 V, VSS = -20 V
VDD = 22 V, VSS = -22 V
Flatest RON region for all supply voltages shown
Figure 6-3. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
5
6
7
8
9
10
11
12
13
14
15
TA = −40C
TA = 25C
TA = 85C
TA = 125C
15 V Supply Flatest Ron Region
.
Figure 6-4. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
-20
-16
-12
-8
-4
0
4
8
12
16 18
5
6
7
8
9
10
11
12
13
14
15
TA = −40C
TA = 25C
TA = 85C
TA = 125C
20 V Supply Flatest Ron Region
.
Figure 6-5. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
2
4
6
8
10
12
14
0
20
40
60
80
100
120
140
160
NOTE_U_L
NOTE_U_L
Single Supply Voltages
VDD = 8 V, VSS = 0 V
VDD = 8.8 V, VSS = 0 V
VDD = 10.8 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 13.2 V, VSS = 0 V
.
Figure 6-6. On-Resistance vs Source or Drain Voltage
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com