Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436FPWR Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7436FPWR
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436FPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7436FPWR Datasheet HTML 22Page - Texas Instruments TMUX7436FPWR Datasheet HTML 23Page - Texas Instruments TMUX7436FPWR Datasheet HTML 24Page - Texas Instruments TMUX7436FPWR Datasheet HTML 25Page - Texas Instruments TMUX7436FPWR Datasheet HTML 26Page - Texas Instruments TMUX7436FPWR Datasheet HTML 27Page - Texas Instruments TMUX7436FPWR Datasheet HTML 28Page - Texas Instruments TMUX7436FPWR Datasheet HTML 29Page - Texas Instruments TMUX7436FPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
7.3 On-Leakage Current
Source on-leakage current (IS(ON)) and drain on-leakage current (ID(ON)) denote the channel leakage currents
when the switch is in the on state. IS(ON) is measured with the drain floating, while ID(ON) is measured with the
source floating. Figure 7-3 shows the circuit used for measuring the on-leakage currents.
S1A
GND
VS
D1
A
Is (ON)
S1B
VDD
VSS
IS(ON)
S1A
GND
D1
VD
S1B
VDD
VSS
ID(ON)
ID (ON)
A
N.C.
N.C.
N.C.
S2A
VS
D2
A
Is (ON)
S2B
N.C.
N.C.
N.C.
S2A
D2
VD
S2B
A
N.C.
N.C.
Figure 7-3. On-Leakage Measurement Setup
7.4 Input and Output Leakage Current Under Overvoltage Fault
If any of the source pin voltage goes above the supplies (VDD or VSS) by one threshold voltage (VT), then the
overvoltage protection feature of the TMUX7436F is triggered to turn off the switch under fault, keeping the
fault channel in a high-impedance state. IS(FA) and ID(FA) denotes the input and output leakage current under
overvoltage fault conditions, respectively. When the overvoltage fault occurs, the supply (or supplies) can either
be in normal operating condition (Figure 7-4) or abnormal operating condition (Figure 7-5). During abnormal
operating condition, the supply (or supplies) can either be unpowered (VDD= VSS = 0 V) or floating (VDD= VSS =
no connection), and remains within the leakage performance specifications.
S1A
GND
VS
D1
VD
A
IS (FA)
S1B
VDD
VSS
S2A
VS
D2
VD
A
IS (FA)
S2B
A
ID (FA)
A
ID (FA)
N.C.
N.C.
IS(FA) / ID(FA)
( |VS| > |VDD + VT| or |VSS - VT| )
Figure 7-4. Measurement Setup for Input and Output Leakage Current under Overvoltage Fault With
Normal Supplies
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com