Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436FPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX7436FPWR
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436FPWR Datasheet(HTML) 1 Page - Texas Instruments

  TMUX7436FPWR Datasheet HTML 1Page - Texas Instruments TMUX7436FPWR Datasheet HTML 2Page - Texas Instruments TMUX7436FPWR Datasheet HTML 3Page - Texas Instruments TMUX7436FPWR Datasheet HTML 4Page - Texas Instruments TMUX7436FPWR Datasheet HTML 5Page - Texas Instruments TMUX7436FPWR Datasheet HTML 6Page - Texas Instruments TMUX7436FPWR Datasheet HTML 7Page - Texas Instruments TMUX7436FPWR Datasheet HTML 8Page - Texas Instruments TMUX7436FPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer
With Latch-Up Immunity and 1.8 V Logic
1 Features
• Wide supply voltage range:
– Single supply: 8 V to 44 V
– Dual supply: ±5 V to ±22 V
• Integrated fault protection:
– Overvoltage protection, source to supplies or
source to drain: ±85 V
– Overvoltage protection: ±60 V
– Powered-off protection: ±60 V
– Interrupt flags to indicate fault status
– Output open circuited during fault
• Latch-up immunity by device construction
• 6 kV human body model (HBM) ESD rating
• Low On-Resistance: 8.6 Ω typical
• Flat On-Resistance: 10 mΩ typical
• 1.8-V Logic capable
• Failsafe logic: up to 44 V independent of supply
• Industry-standard TSSOP and smaller WQFN
packages
2 Applications
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
• Servo drive control module
• Data acquisition systems (DAQ)
S1A
S1B
D1
VDD
VSS
TMUX7436F
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
EN
DR
FF
SF
S2A
S2B
D2
Functional Block Diagram
3 Description
The TMUX7436F is a complementary metal-oxide
semiconductor (CMOS) analog multiplexer with latch-
up immunity in a dual channel, 2:1 configuration. The
device works well with dual supplies (±5 V to ±22 V),
a single supply (8 V to 44 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V). The overvoltage
protection is available in powered and powered-off
conditions, making the TMUX7436F device suitable
for applications where power supply sequencing
cannot be precisely controlled.
The device blocks fault voltages up to +60 V or
−60 V relative to ground in powered and powered-off
conditions. When no power supplies are present, the
switch channels remain in the OFF state regardless of
switch input conditions, and any control signal present
on the logic pins is ignored. If the signal path input
voltage on any Sx pin exceeds the supply voltage
(VDD or VSS) by a threshold voltage (VT), then the
channel turns OFF and the Sx pin becomes high
impedance. The drain pin (Dx) is either pulled to the
fault supply voltage that was exceeded or left floating
depending on the DR control logic. The TMUX7436F
device provides two active-low interrupt flags (FF and
SF) to provide details of the fault and help system
diagnostics. The FF flag indicates if any of the source
inputs are experiencing a fault condition, while the
SF flag is used to decode which specific inputs are
experiencing a fault condition.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX7436F
PW (TSSOP, 16)
5.00 mm × 4.40 mm
RRP (WQFN, 16)(2)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Preview package
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TMUX7436FPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7436FPWR TI2-TMUX7436FPWR Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436FPWR.B TI2-TMUX7436FPWR.B Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436FPWRG4 TI2-TMUX7436FPWRG4 Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7436FPWRG4.B TI2-TMUX7436FPWRG4.B Datasheet
2Mb / 50P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
More results

Similar Description - TMUX7436FPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX7308F TI-TMUX7308F_V02 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7308F TI-TMUX7308F_V03 Datasheet
2Mb / 54P
TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7348F TI-TMUX7348F Datasheet
3Mb / 59P
TMUX734xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Adjustable Fault Threshold, Latch-up Immunity, and 1.8-V Logic
MARCH 2022
TMUX7436F TI-TMUX7436F Datasheet
1Mb / 47P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
OCTOBER 2022
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7348F TI-TMUX7348F_V01 Datasheet
3Mb / 60P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX7436F TI-TMUX7436F_V01 Datasheet
2Mb / 48P
TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
REVISED NOVEMBER 2022
TMUX7308F TI1-TMUX7308F_V04 Datasheet
1Mb / 54P
TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED JULY 2023
TMUX7348F TI1-TMUX7348F_V02 Datasheet
3Mb / 64P
TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com