Electronic Components Datasheet Search
  English  ▼

X  

TMUX7436FPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # TMUX7436FPWR
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436FPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMUX7436FPWR Datasheet HTML 13Page - Texas Instruments TMUX7436FPWR Datasheet HTML 14Page - Texas Instruments TMUX7436FPWR Datasheet HTML 15Page - Texas Instruments TMUX7436FPWR Datasheet HTML 16Page - Texas Instruments TMUX7436FPWR Datasheet HTML 17Page - Texas Instruments TMUX7436FPWR Datasheet HTML 18Page - Texas Instruments TMUX7436FPWR Datasheet HTML 19Page - Texas Instruments TMUX7436FPWR Datasheet HTML 20Page - Texas Instruments TMUX7436FPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
6.9 36 V Single Supply: Electrical Characteristics (continued)
VDD = +36 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +36 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tON (EN)
Enable turn-on time
VS = 18 V,
RL = 300 Ω, CL= 12 pF
25°C
370
520
ns
–40°C to +85°C
550
–40°C to +125°C
560
tOFF (EN)
Enable turn-off time
VS = 18 V,
RL = 300 Ω, CL= 12 pF
25°C
100
210
ns
–40°C to +85°C
230
–40°C to +125°C
230
tTRAN
Transition time
VS = 18 V,
RL = 300 Ω, CL= 12 pF
25°C
365
540
ns
–40°C to +85°C
560
–40°C to +125°C
570
tRESPONSE
Fault response time
RL = 300 Ω, CL= 12 pF
25°C
120
340
ns
–40°C to +85°C
360
–40°C to +125°C
385
tRECOVERY
Fault recovery time
RL = 300 Ω, CL= 12 pF
25°C
1250
2350
ns
–40°C to +85°C
2850
–40°C to +125°C
2850
tRESPONSE(FLAG) Fault flag response time
RL = 300 Ω, CL= 12 pF,
RPU = 1 kΩ, CL_xF = 12 pF
25°C
100
ns
tRECOVERY(FLAG) Fault flag recovery time
RL = 300 Ω, CL= 12 pF,
RPU = 1 kΩ, CL_xF = 12 pF
25°C
1
µs
tBBM
Break-before-make time delay
VS = 18 V, RL = 300 Ω, CL= 12 pF
25°C
160
270
ns
QINJ
Charge injection
VS = 18 V, CL = 1 nF
25°C
–300
pC
OISO
Off-isolation
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 6 V, f = 1 MHz
25°C
–56
dB
XTALK
Intra-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 6 V, f = 1 MHz
25°C
–59
dB
Inter-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 6 V, f = 1 MHz
25°C
–80
BW
–3 dB bandwidth
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 6 V
25°C
215
MHz
ILOSS
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 6 V, f = 1 MHz
25°C
–0.7
dB
THD+N
Total harmonic distortion plus
noise
RS = 50 Ω, RL = 10 kΩ,
VS = 18 VPP, VBIAS = 18 V,
f = 20 Hz to 20 kHz
25°C
0.0008
%
CS(OFF)
Input off-capacitance
f = 1 MHz, VS = 18 V
25°C
14
pF
CD(OFF)
Output off-capacitance
f = 1 MHz, VS = 18 V
25°C
28
pF
CS(ON)
CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 18 V
25°C
31
pF
POWER SUPPLY
IDD
VDD supply current
VDD = 39.6 V, VSS = 0 V,
VSELx = VDR = 0 V, 5 V, or VDD, VEN = 5 V
or VDD
25°C
0.3
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
ISS
VSS supply current
VDD = 39.6 V, VSS = 0 V,
VSELx = VDR = 0 V, 5 V, or VDD, VEN = 5 V
or VDD
25°C
0.14
0.4
mA
–40°C to +85°C
0.4
–40°C to +125°C
0.4
IGND
GND current
VDD = 39.6 V, VSS = 0 V,
VSELx = VDR = 0 V, 5 V, or VDD, VEN = 5 V
or VDD
25°C
0.06
mA
IDD(FA)
VDD supply current under fault
VS = 60 / –40 V,
VDD = 39.6 V, VSS = 0 V,
VSELx = VDR = 0 V, 5 V, or VDD, VEN = 5 V
or VDD
25°C
0.25
1.2
mA
–40°C to +85°C
1.6
–40°C to +125°C
1.6
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com