Electronic Components Datasheet Search
  English  ▼

X  

WF1946 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # WF1946
Description  MULTIFUNCTION SYNTHESIZER
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF1946 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button WF1946 Datasheet HTML 45Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 46Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 47Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 48Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 49Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 50Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 51Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 52Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
3.3 Basic operation
WF1945B
3-19
Oscillation mode selection (
MODE
)
Oscillation mode (continuous, burst, sweep, etc.) selection is described.
Terms:
NORMAL (continuous): Continuous oscillation; normally use this mode.
BURST :
Intermittent oscillation (BURST, TRIG, GATE, T-GATE)
“4.1 Burst oscillation”, cf.
SWEEP :
Item such as frequency is automatically varied.
“4.2 Sweep”, cf.
MODU (modulation) :
Modulated waveform output (FM, AM, OFSM, PM, PWM)
“4.3 Modulation”, cf.
NOISE :
White noise output
DC :
DC output
Operation:
The selected oscillation mode is indicated in the STATUS area, which is located to the left of
MODE
key. When the
MODE
key is pressed, the
MODE
key lamp lights, and at the same time, the lamp
of every key located to the right of the
MODE
key lights.
To use another oscillation mode (one whose key lamp is already lit), press the key of the mode.
Operation example:
In this example, first set to DC, then to continuous (NORMAL).
①
Press the
MODE
key, then the
DC
key to set the DC mode.
The DC STATUS lamp lights.
②
Press the
MODE
key, then the
NORMAL
key to set the NORMAL mode.
The NORMAL STATUS lamp lights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com