Electronic Components Datasheet Search
  English  ▼

X  

WF1946 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # WF1946
Description  MULTIFUNCTION SYNTHESIZER
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF1946 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button WF1946 Datasheet HTML 67Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 68Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 69Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 70Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 71Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 72Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 73Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 74Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 188 page
background image
4.1 Burst oscillation
WF1945B
4-9
Oscillation stops at end of a half
cycle, when gate signal is low level.
• Burst oscillation (Type: Trigger) setting items (BURST menu)
TYPE: TRIG
SOURCE (trigger source) [EXT
, EXT
, INT [s]]
DELAY (trigger delay) [s]
MARK (oscillation cycle) [cycle]
STOP-LEVEL [OFF, ON[%]]
PHASE (phase when oscillation starts) [deg] * ENTRY menu
Burst oscillation (Type: Gate) (
MODE
→
BURST
→ TYPE : GATE)
Burst oscillation (Type: Gate) is intermittent with start and stop according to the trigger signal level.
Operation is described with reference to an example of producing a waveform output such as indicated in
the figure in response to an external gate signal.
The example is a triangular waveform, DC offset 0 V, oscillation start phase 0 degrees, frequency and
amplitude arbitrary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com