Electronic Components Datasheet Search
  English  ▼

X  

WF1946 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # WF1946
Description  MULTIFUNCTION SYNTHESIZER
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WF1946 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button WF1946 Datasheet HTML 60Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 61Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 62Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 63Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 64Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 65Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 66Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 67Page - List of Unclassifed Manufacturers WF1946 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 188 page
background image
4-2
WF1945B
4.1 Burst oscillation
Burst oscillation (Type: Burst) (
MODE
→
BURST
→ TYPE : BURST)
Burst oscillation (Type: Burst) produces an intermittent oscillation at the designated oscillation cycle and
stop cycle.
Operation is described with reference to an example of producing a waveform output such as indicated in
the figure.
In this example, the waveform is triangular, the DC offset is set to 0 V, the oscillation start phase is set to 0
degrees, and the frequency and amplitude are set to arbitrarily defined values.
Operation:
(1) Set the burst oscillation TYPE to BURST.
①
Press the
MODE
key, then the
BURST
key.
②
Use the
and
keys to select the type (TYPE flashes).
BURST TRIG GATE 4
BURST:TYPE MARK SPACE STOP―LEVEL
③
Press the
ENTER
key, then produce the following display with the
and
keys
(BURST flashes).
BURST TRIG GATE 4
BURST:TYPE MARK SPACE STOP―LEVEL
④
This sets the burst oscillation type to burst. Press the
EXIT
key once to exit type setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com