Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 5 Page - Texas Instruments

Part # ESD751
Description  ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 5 Page - Texas Instruments

  ESD751 Datasheet HTML 1Page - Texas Instruments ESD751 Datasheet HTML 2Page - Texas Instruments ESD751 Datasheet HTML 3Page - Texas Instruments ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
6.5 Thermal Information
THERMAL METRIC(1)
ESD751
ESD761
UNIT
DYA (SOD-523)
DPY (X1SON)
2 PINS
2 PINS
RθJA
Junction-to-ambient thermal resistance
746.3
282.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
301.2
150.6
°C/W
RθJB
Junction-to-board thermal resistance
509.6
98.3
°C/W
ΨJT
Junction-to-top characterization parameter
81.8
9.6
°C/W
ΨJB
Junction-to-board characterization parameter
503.0
97.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.6 Electrical Characteristics
over TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
DEVICE
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
–24
24
V
VBRF
Breakdown voltage(1)
IIO = 10 mA, IO to GND
25.5
35.5
V
VBRR
IIO = –10 mA, IO to GND
–35.5
–25.5
VCLAMP
Clamping voltage(2)
IPP = 2.8 A, tp = 8/20 µs, IO to GND and
GND to IO
ESD751
36.5
V
IPP = 1.8 A, tp = 8/20 µs, IO to GND and
GND to IO
ESD761
36.3
Clamping voltage(3)
IPP = 16 A, TLP, IO to GND and GND to IO
ESD751
41.5
V
ESD761
42.5
ILEAK
Leakage current
VIO = ±24 V, IO to GND
-50
1
50
nA
RDYN
Dynamic resistance(3)
ESD751
0.6
Ω
ESD761
0.53
CL
Line capacitance
VIO = 0 V, f = 1 MHz, Vpp = 30 mV, IO to
GND
ESD751
1.6
2.7
pF
ESD761
1.1
1.8
(1)
VBRF and VBRR are defined as the voltage when ±10 mA is applied in the positive-going direction, before the device latches into the
snapback state.
(2)
Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
(3)
Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008
www.ti.com
ESD751, ESD761
SLVSH10C – NOVEMBER 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ESD751 ESD761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com