Electronic Components Datasheet Search
  English  ▼

X  

ESD751 Datasheet(PDF) 8 Page - Texas Instruments

Part # ESD751
Description  ESD751 and ESD761 24-V 1-Channel ESD Protection Diodes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD751 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ESD751 Datasheet HTML 4Page - Texas Instruments ESD751 Datasheet HTML 5Page - Texas Instruments ESD751 Datasheet HTML 6Page - Texas Instruments ESD751 Datasheet HTML 7Page - Texas Instruments ESD751 Datasheet HTML 8Page - Texas Instruments ESD751 Datasheet HTML 9Page - Texas Instruments ESD751 Datasheet HTML 10Page - Texas Instruments ESD751 Datasheet HTML 11Page - Texas Instruments ESD751 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
7 Detailed Description
7.1 Overview
The ESD751 and ESD761 are single-channel bidirectional ESD diodes. These devices can dissipate ESD
strikes above the maximum level specified by the IEC 61000-4-2 standard. The low capacitance between the
I/O pins makes these devices suitable for slower speed signals such as USB-PD or industrial I/O applications.
The surge current capability is suitable for VBUS protection or industrial I/Os requiring 2.8 A of surge current
protection.
7.2 Functional Block Diagram
1
2
7.3 Feature Description
These clamping devices have a small dynamic resistance, which makes the clamping voltage low when the
devices are actively protecting other circuits. The breakdown is bidirectional so these protection devices are
a good fit for applications requiring postive and negative polarity protection. Low leakage allows the diode
to conserve power when working below the VRWM. The temperature range of −55°C to +150°C makes these
ESD devices work at extensive temperatures in most environments. The leaded SOD-523 package is good for
applications requiring autmotic optical inspection (AOI).
7.3.1 IEC 61000-4-5 Surge Protection
The I/O pins can withstand surge events up to 2.8 A and 1.8 A (8/20 µs waveform) for the ESD751 and ESD761
respectively.
7.3.2 I/O Capacitance
The capacitance between the I/O pins is 1.6 pF and 1.1 pF for the ESD751 and ESD761 respectively. The
capacitance of these devices support data rates up to 1 Gbps.
7.4 Device Functional Modes
The ESD751 and ESD761 are single channel passive clamps that have low leakage during normal operation
when the voltage between I/O and GND is below VRWM, and activate when the voltage between I/O and GND
goes above VBR. When the voltages on the protected lines fall below the VHOLD, the device reverts back to the
low leakage passive state
ESD751, ESD761
SLVSH10C – NOVEMBER 2022 – REVISED DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD751 ESD761



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com