Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 9Page - Texas Instruments OPA657 Datasheet HTML 10Page - Texas Instruments OPA657 Datasheet HTML 11Page - Texas Instruments OPA657 Datasheet HTML 12Page - Texas Instruments OPA657 Datasheet HTML 13Page - Texas Instruments OPA657 Datasheet HTML 14Page - Texas Instruments OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
7.6 Typical Characteristics: VS = ±5 V (continued)
At G = 1 V/V, RF = 0 Ω, RF = 250 Ω for other gains, RL = 100 Ω, input and output referenced to mid-supply, and TA ≅ 25°C
(unless otherwise noted).
Common-Mode Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
50
100
−40
C
25
C
85
C
105
C
.
Figure 7-31. Input Bias Current vs Common-Mode Voltage Over
Temperature
Time (ns)
0
50
100
150
200
250
300
350
400
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input x 2
Output
G = 2 V/V
Figure 7-32. Noninverting Output Overdrive Recovery
Time (ns)
0
50
100
150
200
250
300
350
400
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Input x −1
Output
G =
-1 V/V
Figure 7-33. Inverting Output Overdrive Recovery
Time (
s)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-1
-1.5
0
-1
1
-0.5
2
0
3
0.5
4
1
5
1.5
6
2
PD
VOUT
.
Figure 7-34. Turn-On and Turn-Off Waveform
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1G
1
10
100
1k
10k
ZOL
ZCL
.
Figure 7-35. Open-Loop and Closed-Loop Output Impedance vs Frequency
www.ti.com
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com