Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 15Page - Texas Instruments OPA657 Datasheet HTML 16Page - Texas Instruments OPA657 Datasheet HTML 17Page - Texas Instruments OPA657 Datasheet HTML 18Page - Texas Instruments OPA657 Datasheet HTML 19Page - Texas Instruments OPA657 Datasheet HTML 20Page - Texas Instruments OPA657 Datasheet HTML 21Page - Texas Instruments OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
• Optimizing Overshoot: The OPA817 features an internal slew-boost circuit to deliver fast rise-time
in applications needing high slew rates such as when configured as a transimpedance amplifier. For
applications where overshoot needs to be limited, the input slew rates can be limited with introducing a series
resistance (RS) as shown in Figure 9-3. The resistance RS forms a low pass filter with the input capacitance
of approximately 2.6 pF at the noninverting pin of the OPA817 limiting the input slew rate to the amplifier.
Figure 9-4 shows how limiting the input slew rate to the amplifier results in good overshoot performance, and
Figure 9-5 shows how this achieves a small signal and large signal bandwidth of 200 MHz.
9.2.4 Application Curves
Time (ns)
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D105
VIN =  0.5 V-step
VOUT, RS = 0 
VOUT, RS = 250 
Figure 9-4. Step Response of Digitizer Front-End
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
D106
VOUT = 100 mVPP
VOUT = 1 VPP
Figure 9-5. Frequency Response for RS = 250 Ω
10 Power Supply Recommendations
The OPA817 is intended to operate on supplies ranging from 6 V to 12.6 V. OPA817 supports single-supply,
split, balanced, and unbalanced bipolar supplies. When operating at supplies below 8 V, consideration must be
given to the input common-mode range of the amplifier. Under these supply conditions, the common-mode must
be biased appropriately for linear operation. Thus, the limit to lower supply voltage operation is the usable input
voltage range for the JFET-input stage.
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier like the OPA817 requires careful attention to
board layout parasitics and external component types. Recommendations that will optimize performance include
the following:
1. Minimize parasitic capacitance to any ac ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability. On the noninverting input, parasitic capacitance can
react with the source impedance to cause unintentional bandlimiting. Ground and power metal planes act as
one of the plates of a capacitor while the signal trace metal acts as the other separated by PCB dielectric.
To reduce this unwanted capacitance, care must be taken to minimize the routing of the feedback network. A
plane cutout around and underneath the inverting input pin on all ground and power planes is recommended.
Otherwise, ground and power planes should be unbroken elsewhere on the board.
www.ti.com
OPA817
SBOS847A – JULY 2022 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com