Electronic Components Datasheet Search
  English  ▼

X  

OPA657 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA657
Description  OPA817 800-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA657 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA657 Datasheet HTML 22Page - Texas Instruments OPA657 Datasheet HTML 23Page - Texas Instruments OPA657 Datasheet HTML 24Page - Texas Instruments OPA657 Datasheet HTML 25Page - Texas Instruments OPA657 Datasheet HTML 26Page - Texas Instruments OPA657 Datasheet HTML 27Page - Texas Instruments OPA657 Datasheet HTML 28Page - Texas Instruments OPA657 Datasheet HTML 29Page - Texas Instruments OPA657 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
NOTES: (continued)
5.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations..
EXAMPLE STENCIL DESIGN
4224357 / A 07/2018
www.ti.com
WSON - 0.8 mm max height
DTK0008A
PLASTIC QUAD FLATPACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
PADS 9: 84%
SCALE: 20X
PKG
PKG
6X (0.5)
8X (0.25)
(R0.05) TYP
(2.8)
(1.34)
8X(0.6)
EXPOSED METAL
(1.34)
1
4
8
5
9
(1.5) (1.58)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com