Electronic Components Datasheet Search
  English  ▼

X  

LC64B Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # LC64B
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC64B Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button LC64B Datasheet HTML 56Page - Lattice Semiconductor LC64B Datasheet HTML 57Page - Lattice Semiconductor LC64B Datasheet HTML 58Page - Lattice Semiconductor LC64B Datasheet HTML 59Page - Lattice Semiconductor LC64B Datasheet HTML 60Page - Lattice Semiconductor LC64B Datasheet HTML 61Page - Lattice Semiconductor LC64B Datasheet HTML 62Page - Lattice Semiconductor LC64B Datasheet HTML 63Page - Lattice Semiconductor LC64B Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
57
BK2_IO3
2
17P
1A
7
3
-
HSI1A_RXD0/TXD0
FIFO1A_DIN0/DOUT0
F16
GND
2
-
-
-
-
-
GND
BK2_IO4
2
18N
1A
7
4
HSI1A_SINN
HSI1A_RXD1/TXD1
FIFO1A_DIN1/DOUT1
G13
BK2_IO5
2
18P
1A
7
5
HSI1A_SINP
HSI1A_RXD2/TXD2
FIFO1A_DIN2/DOUT2
G14
BK2_IO6
2
19N
1A
7
6
HSI1_CSLOCK
HSI1A_RXD3/TXD3
FIFO1A_DIN3/DOUT3
F14
BK2_IO7
2
19P
1A
7
7
Note 4
HSI1A_RXD4/TXD4
FIFO1A_DIN4/DOUT4
F15
BK2_IO8
2
20N
1A
7
8
CAL
HSI1A_RXD5/TXD5
FIFO1A_DIN5/DOUT5
D16
BK2_IO9
2
20P
1A
7
9
-
HSI1A_RXD6/TXD6
FIFO1A_DIN6/DOUT6
E15
BK2_IO10
2
21N
1A
7
10
HSI1A_SOUTN
HSI1A_RXD7/TXD7
FIFO1A_DIN7/DOUT7
E13
BK2_IO11
2
21P
1A
7
11
HSI1A_SOUTP
HSI1A_RXD8/TXD8
FIFO1A_DIN8/DOUT8
E14
GND
2
-
-
-
-
-
GND
BK2_IO12
2
22N
1A
7
12
HSI1A_SYDT
5
HSI1A_RXD9/TXD9
FIFO1A_DIN9/DOUT9
C16
BK2_IO13
2
22P
1A
7
13
HSI1A_CDRRSTb
HSI1A_RECCLK
FIFO1A_FIFORSTb
D15
BK2_IO14
2
23N
1A
7
14
FIFO1A_STRDb
6
-
-
C15
BK2_IO15 / VREF2
2
23P
1A
7
15
-
-
FIFO1A_EMPTY
D14
TCK
-
-
-
-
-
-
R14
GOE2
-
-
-
-
-
-
A9
BK3_IO0 / VREF3
3
24P
1B
0
-
HSI1B_RXD0/TXD0
FIFO1B_DIN0/DOUT0
C13
BK3_IO1
3
24N
1B
1
Note 4
HSI1B_RXD1/TXD1
FIFO1B_DIN1/DOUT1
B14
BK3_IO2
3
25P
1B
2
-
HSI1B_RXD2/TXD2
FIFO1B_DIN2/DOUT2
A15
BK3_IO3
3
25N
1B
3
-
HSI1B_RXD3/TXD3
FIFO1B_DIN3/DOUT3
B13
GND
3
-
-
-
-
GND
BK3_IO4
3
26P
1B
4
HSI1B_SOUTP
HSI1B_RXD4/TXD4
FIFO1B_DIN4/DOUT4
D12
BK3_IO5
3
26N
1B
5
HSI1B_SOUTN
HSI1B_RXD5/TXD5
FIFO1B_DIN5/DOUT5
C12
BK3_IO6
3
27P
1B
6
-
HSI1B_RXD6/TXD6
FIFO1B_DIN6/DOUT6
A14
BK3_IO7
3
27N
1B
7
-
HSI1B_RXD7/TXD7
FIFO1B_DIN7/DOUT7
/ FIFO1B_STRDb
A13
BK3_IO8
3
28P
1B
8
-
HSI1B_RXD8/TXD8
FIFO1B_DIN8/DOUT8
B12
BK3_IO9
3
28N
1B
9
HSI1B_SYDT
5
HSI1B_RXD9/TXD9
FIFO1B_DIN9/DOUT9
C11
BK3_IO10
3
29P
1B
10
HSI1B_SINP
HSI1B_RECCLK
-
D10
BK3_IO11
3
29N
1B
11
HSI1B_SINN
-
-
C10
GND
3
-
-
-
-
-
GND
BK3_IO12
3
30P
1B
12
-
HSI1B_SYDT
5
FIFO1B_FULL
B11
BK3_IO13
3
30N
1B
13
HSI1B_CDRRSTb
-
FIFO1B_FIFORSTb
B10
BK3_IO14
3
31P
1B
14
-
-
-
A10
BK3_IO15
3
31N
1B
15
-
-
FIFO1B_ EMPTY
C9
RESET
-
-
-
-
-
-
A7
BK4_IO0
4
32N
2A
0
-
-
FIFO2A_EMPTY
C8
BK4_IO1 / PLL_LOCK0 /
PLL_RST0
4
32P
2A
1
-
-
-
B7
BK4_IO2
4
33N
2A
2
HSI2A_CDRRSTb
-
FIFO2A_FIFORSTb
A6
BK4_IO3
4
33P
2A
3
-
HSI2A_SYDT
5
FIFO2A_FULL
B6
GND
4
-
-
-
GND
BK4_IO4
4
34N
2A
4
HSI2A_SINN
-
-
C7
BK4_IO5
4
34P
2A
5
HSI2A_SINP
HSI2A_RECCLK
-
D7
BK4_IO6
4
35N
2A
6
HSI2A_SYDT
5
HSI2A_RXD9/TXD9
FIFO2A_DIN9/DOUT9
C6
BK4_IO7
4
35P
2A
7
-
HSI2A_RXD8/TXD8
FIFO2A_DIN8/DOUT8
B5
ispGDX2-128 Logic Signal Connections (Continued)
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
208
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com