Electronic Components Datasheet Search
  English  ▼

X  

DS1862 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1862
Description  XFP Laser Control and Digital Diagnostic IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1862 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1862 Datasheet HTML 9Page - Maxim Integrated Products DS1862 Datasheet HTML 10Page - Maxim Integrated Products DS1862 Datasheet HTML 11Page - Maxim Integrated Products DS1862 Datasheet HTML 12Page - Maxim Integrated Products DS1862 Datasheet HTML 13Page - Maxim Integrated Products DS1862 Datasheet HTML 14Page - Maxim Integrated Products DS1862 Datasheet HTML 15Page - Maxim Integrated Products DS1862 Datasheet HTML 16Page - Maxim Integrated Products DS1862 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
XFP Laser Control and Digital Diagnostic IC
____________________________________________________________________
13
Pin Description
NAME
PIN
DESCRIPTION
P-DOWN/RST
A1
Power-Down/Reset Input. This multifunction pin is pulled high internally. See the Power-Down/Reset Pin
section for additional information.
SC-RX-LOS
A2
Signal Conditioner Receiver Loss-of-Signal Input. This pin is an active-high input with LVCMOS/LVTTL
voltage levels.
SC-RX-LOL
A3
Signal Conditioner Receiver Loss-of-Lock Input. This pin is an active-high input with LVCMOS/LVTTL
voltage levels.
THRSET
A4
Threshold Set Output. This pin is a programmable voltage source that can be used for Rx signal
conditioner.
VCC2
A5
1.8V Power-Supply Input
RX-LOS
B1
Receiver Loss-of-Signal. This open-drain output indicates when there is insufficient optical power.
SCL
B2
I2C Serial-Clock Input
FETG
B3
FET Gate Output. This pin can drive an external FET gate associated with safety fault disconnect.
RSSI
B4
Received Power Signal Input
MODSET
B5
Modulation Current Output. This pin is only capable of sinking current.
TX-D
C1
Transmit Disable Input. This pin has an internal pullup resistor.
SDA
C2
I2C Serial-Data Input/Output
EN1
C3
Enable 1 Output. Functional control for signal conditioners.
EN2
C4
Enable 2 Output. Functional control for signal conditioners.
BIASSET
C5
Bias Current Output. This pin is only capable of sinking current.
INTERRUPT
D1
Interrupt. This open-drain output pin indicates a possible operational fault or critical status condition to the
host.
MOD-NR
D2
Indicating Module Operational Fault. Open-drain output. This pin indicates the status of the MOD-NR flag.
AUX1MON
D3
Aux1 Monitor Input. This pin can be used to measure any voltage quantity.
AUX2MON
D4
Aux2 Monitor Input. This pin can be used to measure any voltage quantity or external temperature sensor.
BMD
D5
Monitor Diode Current Input. This pin is capable of sourcing or sinking current.
GND
E1
Ground
MOD-DESEL
E2
Module Deselect Input. This pin must be pulled low to enable I2C communication. This pin is pulled high
internally.
IBIASMON
E3
Bias Monitor Input. This pin can be used to monitor the voltage across the laser.
SC-TX-LOS
E4
Signal Conditioner Transmitter Loss-of-Signal. This pin is an active-high input with LVCMOS/LVTTL
voltage levels.
VCC3
E5
3.3V or 5V Power-Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com