Electronic Components Datasheet Search
  English  ▼

X  

DS1862 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1862
Description  XFP Laser Control and Digital Diagnostic IC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1862 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1862 Datasheet HTML 1Page - Maxim Integrated Products DS1862 Datasheet HTML 2Page - Maxim Integrated Products DS1862 Datasheet HTML 3Page - Maxim Integrated Products DS1862 Datasheet HTML 4Page - Maxim Integrated Products DS1862 Datasheet HTML 5Page - Maxim Integrated Products DS1862 Datasheet HTML 6Page - Maxim Integrated Products DS1862 Datasheet HTML 7Page - Maxim Integrated Products DS1862 Datasheet HTML 8Page - Maxim Integrated Products DS1862 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
XFP Laser Control and Digital Diagnostic IC
_____________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC3 = +2.9V to +5.5V, VCC2 = +1.6V to +3.6V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC3
P-DOWN/RST = 1
3
5
mA
High-Level Output Voltage
(FETG)
VOH
IOH (max) = -2mA
VCC3 -
0.5
V
Low-Level Output Voltage
(MOD-NR,
INTERRUPT, SDA,
and FETG)
VOL
IOL (max) = 3mA
0
0.4
V
Resistor (Pullup)
RPU
912
15
k
Ω
I/O Capacitance
CI/O
(Note 4)
10
pF
Leakage Current
IL
-10
+10
µA
Leakage Current (SCL, SDA)
IL
-10
+10
µA
Digital Power-On Reset
POD
1.0
2.2
V
Analog Power-On Reset
POA
2.0
2.6
V
DC ELECTRICAL CHARACTERISTICS—INTERFACE SIGNALS TO SIGNAL CONDITIONERS
(VCC2 = +1.6V to +3.6V, VCC3 = +2.9V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
High-Level Input Voltage
(SC-RX-LOS, SC-RX-LOL,
and SC-TX-LOS)
VIH
IIH (max) = 100µA
0.7 x
VCC2
VCC2 +
0.1
V
Low-Level Input Voltage
(SC-RX-LOS, SC-RX-LOL,
and SC-TX-LOS)
VIL
IIL (max) = -100µA
0
0.3 x
VCC2
V
VOH
IOH (max) = -0.7mA
VCC2 -
0.2
VOH2
VCC2 = 2.5V to 3.6V
IOH (max) = -2mA
VCC2 -
0.4
High-Level Output Voltage
(EN1 and EN2)
VOH3
VCC2 = 1.6V
IOH (max) = -0.7mA
VCC2 -
0.2
V
VOL
IOL (max) = 0.7mA
0.20
Low-Level Output Voltage
(EN1, EN2, and RX-LOS)
VOL2
VCC2 = 2.5V to 3.6V
IOL (max) = 2mA
0.40
V
Leakage Current
(SC-RX-LOS, SC-RX-LOL
and SC-TX-LOS, RX-LOS)
IL
-10
+10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com