| Electronic Components Datasheet Search |
|
DS1862 Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1862 Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 42 page ![]() XFP Laser Control and Digital Diagnostic IC ____________________________________________________________________ 21 Warning and Alarm Logic Based on AUX1/2MON, VCC2/3, Temp, RX-P, and IBIASMON The DS1862 is capable of generating an alarm and/or warning whenever an analog monitored channel goes out of a user-defined tolerance. Temperature, bias cur- rent (based on IBIASMON), receive power (based on RSSI), AUX1MON, AUX2MON, and VCC2/3, are moni- tored channels that generate latched flags. See the fig- ure below for more detail pertaining to AUX1MON and AUX2MON. Flags are latched into a high state the first time a monitored channel goes out of the defined oper- ating window and for each monitored signal there is a Mask bit that can be set to prevent the corresponding alarm or warning flag from being set. Once a flag is set, it is cleared by simply reading its memory location. AUX1/2MON LOGIC AUX1MON (PIN) AUX2MON (PIN) MASK BIT AUX1MON AUX2MON ADC THRESHOLD AUX1MON (APD MODE) LATCHED-APD- SUPPLY-FAULT AUX2MON (APD MODE) INTERRUPT (PIN) *COMPARATOR LOGIC IS DUPLICATED FOR HIGH AND LOW ALARMS AND WARNINGS. C ADC THRESHOLD C AUX1MON (LASER WL MODE) LATCHED- WAVELENGH-UL AUX2MON (LASER WL MODE) AUX1MON (VEE5 MODE) LATCHED-VEE5 AUX2MON (VEE5 MODE) AUX1MON (VCC2 MODE) LATCHED-VCC2 AUX2MON (VCC2 MODE) AUX1MON (TEC MODE) LATCHED-TEC- FAULT AUX2MON (TEC MODE) AUX1MON (VCC5 MODE) LATCHED-VCC5 AUX2MON (VCC5 MODE) AUX1MON (VCC3 MODE) LATCHED-VCC3 AUX2MON (VCC3 MODE) ANY FLAG CORRESPONDING MASK BIT Figure 10. AUX1/2 Monitor Logic |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |