| Electronic Components Datasheet Search |
|
DS2705UT Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS2705UT Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 18 page ![]() DS2705: SHA-1 Authentication Master 13 of 18 MEMORY The DS2705 has a 256 byte linear memory space for the EEPROM memory block that stores the challenge, response and configuration parameters. Addresses designated as “Reserved” typically return FFh when read. These bytes should not be written. EEPROM memory consists of non-volatile EEPROM cells overlaying volatile shadow RAM. The Read Data and Write Data protocols allow the 1-Wire interface to directly accesses the shadow RAM. The Copy Data and Recall Data function commands transfer data between the EEPROM cells and the shadow RAM. In order to modify the data stored in the EEPROM cells, data must be written to the shadow RAM and then copied to the EERPOM. In order to verify the data stored in the EEPROM cells, the EEPROM data must be recalled to the shadow RAM and then read from the shadow. After issuing the Copy Data function command, a programming pulse is required on the VPP pin. Figure 5. EEPROM Access via Shadow RAM Table 6. Memory Map ADDRESS (HEX) DESCRIPTION READ/WRITE 00 to 07 64-bit Challenge R/W 08 to 1B 160-bit Response (Local MAC) R/W 1C to 1D Configuration Register R/W 1E to FF Reserved — 1-Wire BUS SYSTEM The 1-Wire bus is a system that has a single bus master and one or more slaves. A multidrop bus is a 1-Wire bus with multiple slaves, while a single-drop bus has only one slave device. The DS2705 acts as a bus master on the MDQ pin and as a slave device on the SDQ pin. In both cases, the DS2705 requires a single-drop bus configuration. The discussion of the 1-Wire bus system consists of three topics: hardware configuration, transaction sequence, and 1-Wire signaling. HARDWARE CONFIGURATION Because the 1-Wire bus has only a single line, it is important that each device on the bus be able to drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must connect to the bus with open-drain or tri-state output drivers. The DS2705 uses an open-drain output driver as part of the bidirectional interface circuitry shown in Figure 6. If a bidirectional pin is not available to act as the bus master when communicating with the DS2705 as a slave on the SDQ pin, separate output and input pins can be connected together. The 1-Wire bus must have a pullup resistor at the bus-master end of the bus. The DS2705 internally provides the pullup for communication as a master on the MDQ pin. The bus master communicating with the DS2705 on SDQ is responsible for providing an external pullup . The idle state for the 1-Wire bus is high. If, for any reason, a bus transaction must be suspended, the bus must be left in the idle state to properly resume the transaction later. Note that if the bus is left low for more than tLOW0, slave devices on the bus begin to interpret the low period as a reset pulse, which effectively terminates the transaction. Serial Interface Write Read Shadow RAM EEPROM Copy Recall |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |