Electronic Components Datasheet Search
  English  ▼

X  

DS2705UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2705UT
Description  SHA-1 Authentication Master
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2705UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2705UT Datasheet HTML 1Page - Maxim Integrated Products DS2705UT Datasheet HTML 2Page - Maxim Integrated Products DS2705UT Datasheet HTML 3Page - Maxim Integrated Products DS2705UT Datasheet HTML 4Page - Maxim Integrated Products DS2705UT Datasheet HTML 5Page - Maxim Integrated Products DS2705UT Datasheet HTML 6Page - Maxim Integrated Products DS2705UT Datasheet HTML 7Page - Maxim Integrated Products DS2705UT Datasheet HTML 8Page - Maxim Integrated Products DS2705UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS2705: SHA-1 Authentication Master
2 of 18
ABSOLUTE MAXIMUM RATINGS
Voltage Range on All Pins (except VPP), Relative to VSS
-0.3V to +5.5V
Voltage Range on VPP Pin, Relative to VSS
-0.3V to +18V
Continuous Source Current, MDQ
20mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
DC ELECTRICAL CHARACTERISTICS
(2.5V
£ VDD £ 5.5V, TA = -20°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IDD1
Active mode,
MDQ low, IO_MDQ = 0
2.5
mA
IDD2
Active mode,
MDQ idle, IO_MDQ = 0
90
130
mA
Supply Current
IDD3
Sleep mode, IO_MDQ = 0 (Note 2)
1
2
mA
Programming Voltage:
VPP
VPP
Program pulse (Notes 1, 3)
14.5
15.0
V
Input Logic High:
MDQ, SDQ, CHAL
VIH
(Note 1)
1.8
V
Input Logic Low:
MDQ, SDQ, CHAL
VIL
(Note 1)
0.6
V
Output Logic Low: MDQ, SDQ
VOL1
IOL = 4mA (Note 1)
0.4
V
Output Logic Low:
PASS, FAIL
VOL2
IOL = 10mA (Note 1)
0.4
V
Pulldown:
VPP
IPD1
300
mA
Pulldown: SDQ, CHAL
IPD2
(Note 5)
0.125
mA
IOH
Communication mode
(Note 6)
0.25
2.5
mA
Pullup: MDQ
VOH
Computation mode
IOH = 2.0mA (Note 7)
VDD - 0.1
V
Input Capacitance: MDQ, SDQ
CIN
60
pF
EEPROM RELIABILITY SPECIFICATION
(2.5V
£ VDD £ 5.5V, TA = -20°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Time
tEEW
(Note 3)
15
ms
EEPROM Write Endurance
NEEC
(Notes 3, 4)
1,000
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com