Electronic Components Datasheet Search
  English  ▼

X  

M4M Datasheet(PDF) 3 Page - ABB

Part # M4M
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M Datasheet(HTML) 3 Page - ABB

  M4M Datasheet HTML 1Page - ABB M4M Datasheet HTML 2Page - ABB M4M Datasheet HTML 3Page - ABB M4M Datasheet HTML 4Page - ABB M4M Datasheet HTML 5Page - ABB M4M Datasheet HTML 6Page - ABB M4M Datasheet HTML 7Page - ABB M4M Datasheet HTML 8Page - ABB M4M Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Auxiliary power supply
Voltage range
[V]
48 - 240 VAC/VDC ±15%
Frequency
[Hz]
50 or 60 ± 5%
Power consumption
[VA]
10 VA max
Installation category
CAT III 300V class per IEC 61010-1 edition 3
Protection fuse
T1 A - 277 VAC
Measurement accuracy*
Measurement type
True RMS up to the 40th harmonic
128 samples per cycle, zero blind
IEC 61557-12
IEC 61557-12 PMD/S/K70/0,5
Active energy
Class 0,5 acc. to IEC 61557-12 [*]
Class 0,5S acc. to IEC 62053-22
Reactive energy
Class 2 acc. to IEC 61557-12
Class 2S acc. to IEC 62053-23
Active power
Class 0,5 acc. to IEC 61557-12
Reactive power
Class 2 acc. to IEC 61557-12
Class 1 acc. to IEC 61557-12
Apparent power
Class 0,5 acc. to IEC 61557-12
Voltage
Class 0,2 acc. to IEC 61557-12
Current
Class 0,2 acc. to IEC 61557-12
Neutral current
Calculated
Class 0,2 acc. to IEC 61557-12
Frequency
Class 0,1 acc. to IEC 61557-12
Unbalances (Current, Voltage)
Class 0,2 acc. to IEC 61557-12
Harmonics, THD (Current, voltage)
Class 1 acc. to IEC 61557-12
Voltage measurement inputs
Measurement range
[V]
50 - 400 VAC (L-N) 87 - 690 VAC (L-L)
Measurement category
400V~ (CAT III)
Rated frequency
[Hz]
50-60 Hz
Max. VT secondary (indirect connection)
[V]
400 VAC (L-N)
Max over voltage
[V]
800 VAC (L-L)
Protection fuse
[V]
T1 A - 277 VAC
*Accuracy referred to insertion with .../5A CT or Rogowski coils, according to product version. Derating for .../1A CT.
4
M4M NET WOR K ANALY ZE R S . THE COMPLE TE OFFER ING
—
Technical features
M4M 20
M4M 30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com