Electronic Components Datasheet Search
  English  ▼

X  

M4M Datasheet(PDF) 5 Page - ABB

Part # M4M
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M Datasheet(HTML) 5 Page - ABB

  M4M Datasheet HTML 1Page - ABB M4M Datasheet HTML 2Page - ABB M4M Datasheet HTML 3Page - ABB M4M Datasheet HTML 4Page - ABB M4M Datasheet HTML 5Page - ABB M4M Datasheet HTML 6Page - ABB M4M Datasheet HTML 7Page - ABB M4M Datasheet HTML 8Page - ABB M4M Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Mechanical characteristics
Overall dimensions
96 mm x 96 mm x 77 mm
(Depth inside the switchboard: 57 mm )
IP degree of protection (acc. to IEC 60529)
Front: IP54
Terminals: IP20
Weight
[g]
400
Terminal characteristics
Voltage inputs
Nominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2 (AWG 24 - 12)
Pitch: 7,62 mm
Poles: 4
Current inputs
Nominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2
(AWG 24 - 12)
Pitch: 5,08 mm
Poles: 6
Screw flanges for fixing
ominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2
(AWG 24 - 12)
Pitch: 5,08 mm
Poles: 8
Screw flanges for fixing
RS-485 Serial port
Nominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2 (AWG 24 - 12)
Pitch: 5,08 mm
Poles: 3
I/O
Nominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2
(AWG 24 - 12)
Pitch: 5,08 mm
Poles: 3 (Programmable I/O, only on M4M
20 I/O)
Poles: 3 (Digital outputs)
Poles: 3 (Analogue outputs, only on M4M
20 I/O)
Nominal cross section: 2,5 mm2
Solid/stranded wire: 0,2 - 2,5 mm2
(AWG 24 - 12)
Pitch: 5,08 mm
Poles: 5 (Programmable I/O)
Poles: 3 (Programmable I/O only on M4M
30 I/O)
Poles: 3 (Analogue outputs, only on M4M
30 I/O)
Rogowski current probes
Only with ABB Rogowski probes:
- R4M-200 2CSG202150R1101 (200 mm diameter)
- R4M-80 2CSG202160R1101 (80 mm diameter)
Climatic conditions
Operating temperature
-25 to 70 °C (K70 acc. to IEC 61557-12)
Storage temperature
-40 to 85 °C (K70 acc. to IEC 61557-12)
Relative humidity
Max 93% (non-condensing) at 40°C
Pollution degree
2
Altitude
< 2.000 m
User Interface
Access to device
5 pushbuttons
Touchscreen
Display type
Graphic color display
Display dimensions
70 x 52 mm (3.5")
6
M4M NET WOR K ANALY ZE R S . THE COMPLE TE OFFER ING
—
Technical features
M4M 20
M4M 30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com